Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555PWT Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9555PWT
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555PWT Datasheet(HTML) 1 Page - Texas Instruments

  PCA9555PWT Datasheet HTML 1Page - Texas Instruments PCA9555PWT Datasheet HTML 2Page - Texas Instruments PCA9555PWT Datasheet HTML 3Page - Texas Instruments PCA9555PWT Datasheet HTML 4Page - Texas Instruments PCA9555PWT Datasheet HTML 5Page - Texas Instruments PCA9555PWT Datasheet HTML 6Page - Texas Instruments PCA9555PWT Datasheet HTML 7Page - Texas Instruments PCA9555PWT Datasheet HTML 8Page - Texas Instruments PCA9555PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
VCC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
24 23 22 21 20
7
8
9 10 11
1
2
3
4
5
6
18
17
16
15
14
13
RGE PACKAGE
(TOP VIEW)
19
12
P00
P01
P02
P03
P04
P05
A0
P17
P16
P15
P14
P13
DESCRIPTION/ORDERING INFORMATION
PCA9555
www.ti.com ......................................................................................................................................................... SCPS131E – AUGUST 2005 – REVISED MAY 2008
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
• Low Standby-Current Consumption of
• Polarity Inversion Register
1
µA Max
• Latched Outputs With High-Current Drive
• I2C to Parallel Port Expander
Capability for Directly Driving LEDs
• Open-Drain Active-Low Interrupt Output
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• 5-V Tolerant I/O Ports
• ESD Protection Exceeds JESD 22
• Compatible With Most Microcontrollers
2000-V Human-Body Model (A114-A)
• 400-kHz Fast I2C Bus
200-V Machine Model (A115-A)
• Address by Three Hardware Address Pins for
Use of up to Eight Devices
1000-V Charged-Device Model (C101)
This 16-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.3-V to 5.5-V VCC operation. It
provides general-purpose remote I/O expansion for most microcontroller families via the I2C interface [serial clock
(SCL), serial data (SDA)].
The PCA9555 consists of two 8-bit Configuration (input or output selection), Input Port, Output Port, and Polarity
Inversion (active high or active low operation) registers. At power on, the I/Os are configured as inputs. The
system master can enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for
each input or output is kept in the corresponding Input or Output register. The polarity of the Input Port register
can be inverted with the Polarity Inversion register. All registers can be read by the system master.
The system master can reset the PCA9555 in the event of a timeout or other improper operation by utilizing the
power-on reset feature, which puts the registers in their default state and initializes the I2C/SMBus state machine.
The PCA9555 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the PCA9555 can remain a simple slave device.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9555PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555PWT TI-PCA9555PWT Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWT TI-PCA9555PWT Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555PWT TI1-PCA9555PWT Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results

Similar Description - PCA9555PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com