Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G53DCURE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AUC2G53DCURE4
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53DCURE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUC2G53DCURE4 Datasheet HTML 1Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Switching Characteristics
Switching Characteristics
SN74AUC2G53
SCES484C – AUGUST 2003 – REVISED JANUARY 2009 ................................................................................................................................................ www.ti.com
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VI = VCC to GND,
1.1 V
4
IS = 4 mA
Difference of on-state resistance
VC = VIH
1.65 V
1
Δron
between switches
(see Figure 1 and
IS = 8 mA
2.3 V
1
Figure 2)
VI = VCC and VO = GND, or
1
IS(off)
Off-state switch leakage current
VI = GND and VO = VCC,
2.7 V
µA
0.1(1)
VINH = VIH (see Figure 3)
1
VI = VCC or GND, VINH = VIL,
IS(on)
On-state switch leakage current
2.7 V
µA
VO = Open (see Figure 4)
0.1(1)
II
Control input current
VC = VCC or GND
2.7 V
5
µA
ICC
Supply current
VC = VCC or GND
2.7 V
10
µA
Cic
Control input capacitance
2.5 V
2
pF
Y
3
Cio(off)
Switch input/output capacitance
2.5 V
pF
COM
4.5
Cio(on)
Switch input/output capacitance
2.5 V
9
pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 5)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
0.1 V
0.1 V
0.15 V
0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd
(1)
COM or Y
Y or COM
0.3
0.3
0.3
0.2
0.1
ns
ten
9.2
0.5
3.5
0.5
2.2
0.5
1
1.9
0.5
1.8
INH
COM or Y
ns
tdis
8.1
0.5
4.2
0.5
3.2
0.5
1.9
3.4
0.5
2.6
ten
9.2
0.5
3.6
0.5
2.3
0.5
1.1
1.9
0.5
1.6
A
COM or Y
ns
tdis
10
0.5
3.6
0.5
2.3
0.5
1.1
2
0.5
1.6
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 5)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
0.15 V
0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tpd
(1)
COM or Y
Y or COM
0.4
0.2
ns
ten
0.5
1.6
3.1
0.5
2.2
INH
COM or Y
ns
tdis
0.5
2.2
3.4
0.5
2.2
ten
0.5
1.6
3
0.5
2.2
A
COM or Y
ns
tdis
0.5
1.6
3
0.5
2.3
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUC2G53


Similar Part No. - SN74AUC2G53DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G53DCURE4 TI-SN74AUC2G53DCURE4 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53DCURE4 TI-SN74AUC2G53DCURE4 Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74AUC2G53DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com