Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G125DCUR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G125DCUR
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G125DCUR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G125DCUR Datasheet HTML 2Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 3Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 4Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 5Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 6Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 7Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 8Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 9Page - Texas Instruments SN74AUC2G125DCUR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,
slewrate
1V/ns.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. t
andt
arethesameast .
F. t
andt
arethesameast .
G. t
andt
arethesameast .
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
£
W
³
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
2×V
CC
Open
GND
R
L
R
L
t
/t
PLH
PHL
Open
TEST
S1
2×V
CC
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
0V
t
W
Input
0V
Input
Output
Output
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
VOLTAGEWAVEFORMS
PULSEDURATION
V
CC/2
V
CC/2
V
CC/2
V
CC/2
V
OL
V
OH
V
CC
V
CC
V
OH
V
OL
V
CC/2
V
CC/2
V
CC/2
V
CC/2
t
PLH
t
PHL
t
PLH
t
PHL
t
h
t
su
DataInput
TimingInput
0V
0V
Output
Waveform1
S1at2×V
(seeNoteB)
CC
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
»0V
Output
Control
V
CC/2
V
CC/2
V
CC/2
V
CC/2
V
CC/2
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
V
CC
V
CC
V
CC
V
CC/2
V
CC/2
V
CC
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
D
V
+V
OL
D
0.8V
1.2V
0.1V
±
1.5V
0.1V
±
1.8V
0.15V
±
2.5V
0.2V
±
1.8V
0.15V
±
2.5V
0.2V
±
V
CC
2kW
2kW
2kW
2kW
2kW
1kW
500 W
R
L
0.1V
0.1V
0.1V
0.15V
0.15V
0.15V
0.15V
V
D
C
L
15pF
15pF
15pF
15pF
15pF
30pF
30pF
SN74AUC2G125
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES532D – DECEMBER 2003 – REVISED AUGUST 2007
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Similar Part No. - SN74AUC2G125DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G125DCUR TI-SN74AUC2G125DCUR Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUC2G125DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com