Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G34DCKRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G34DCKRE4
Description  LOW-POWER SINGLE BUFFER GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G34DCKRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G34DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
GND
A
N.C.
N.C.
6
5
4
2
3
Y
V
CC
1
DRY PACKAGE
(TOP VIEW)
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DRL PACKAGE
(TOP VIEW)
GND
Y
3
4
A
2
5
N.C.
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(TOP VIEW)
GND
DNU
Y
V
CC
A
3
5
2
1
4
A1
B1
C1
A2
C2
A
V
CC
GND
4
2
1
3
Y
A1
B1
A2
B2
SN74AUP1G34
www.ti.com
SCES603G – AUGUST 2004 – REVISED MARCH 2010
LOW-POWER SINGLE BUFFER GATE
Check for Samples: SN74AUP1G34
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Package
Optimized for 3.3-V Operation
Low Static-Power Consumption;
3.6-V I/O Tolerant to Support Mixed-Mode
ICC = 0.9 mA Max
Signal Operation
Low Dynamic-Power Consumption;
tpd = 4.1 ns Max at 3.3 V
Cpd = 4.1 pF Typ at 3.3 V
Suitable for Point-to-Point Applications
Low Input Capacitance; Ci = 1.5 pF Typ
Latch-Up Performance Exceeds 100 mA Per
Low Noise - Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
Input Hysteresis Allows Slow Input Transition
1000-V Charged-Device Model (C101)
and Better Switching Noise Immunity at the
Input (Vhys = 250 mV Typ at 3.3 V)
N.C. – No internal connection
See mechanical drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP1G34DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34DCKRE4 TI-SN74AUP1G34DCKRE4 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
More results

Similar Description - SN74AUP1G34DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com