Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G57DBVTG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AUP1G57DBVTG4
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DBVTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G57DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G57DBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. All parameters and waveforms are not applicable to all devices.
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
CL
VM
VI
V
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
5, 10, 15, 30 pF
VCC/2
VCC
0.3 V
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH - V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ/tPZL
tPHZ/tPZH
2
× VCC
GND
TEST
S1
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
GND
5 k
5 k
2
× VCC
SN74AUP1G57
www.ti.com
SCES503I – NOVEMBER 2003 – REVISED MAY 2010
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
Figure 7. Load Circuit and Voltage Waveforms
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP1G57


Similar Part No. - SN74AUP1G57DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G57DBVTG4 TI-SN74AUP1G57DBVTG4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G57DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com