Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G99DCURG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AUP1G99DCURG4
Description  LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G99DCURG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G99DCURG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 13Page - Texas Instruments SN74AUP1G99DCURG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
Switching Characteristics
SN74AUP1G99
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE
WITH 3-STATE OUTPUTS
SCES594C – JULY 2004 – REVISED DECEMBER 2007
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = 25°C
to 85
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
Data
40
50
inputs
VI = VCC – 0.6 V,
(1) I
O = 0
3.3 V
µA
ΔICC
OE
110
120
All
VI = GND to 3.6 V, OE = VCC
(2)
0.8 V to 3.6 V
0
nA
inputs
0 V
1.5
CI
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = VCC or GND
3.6 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND
(2)
To show ICC is very low when the input-disable feature is enabled.
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85
°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
32
1.2 V ± 0.1 V
0.5
9.9
20.1
0.5
26.6
1.5 V ± 0.1 V
1.4
6.6
11.9
0.5
16.8
tpd
A, B, C, or D
Y
ns
1.8 V ± 0.15 V
1.8
5.3
8.9
1
13
2.5 V ± 0.2 V
2.1
3.9
5.8
1.3
8.9
3.3 V ± 0.3 V
1.9
3.3
4.8
1.2
7.4
0.8 V
35
1.2 V ± 0.1 V
0.6
11.1
21.7
0.5
25.2
1.5 V ± 0.1 V
2.3
7.4
12.6
1.4
16.4
ten
OE
Y
ns
1.8 V ± 0.15 V
2
5.7
9.4
1.1
12.8
2.5 V ± 0.2 V
2.1
4.1
6.2
1.2
8.5
3.3 V ± 0.3 V
1.9
3.4
5
1.1
6.7
0.8 V
9.8
1.2 V ± 0.1 V
1.4
4.5
7.7
1.5
8.2
1.5 V ± 0.1 V
1.7
3.2
4.8
1.7
6
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.5
3
4.7
1.3
6.1
2.5 V ± 0.2 V
0.9
1.9
3
0.7
4.2
3.3 V ± 0.3 V
0.8
2.5
4.4
0.7
4.5
10
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G99


Similar Part No. - SN74AUP1G99DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G99DCUR TI-SN74AUP1G99DCUR Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUP1G99DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com