Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4051NSRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4051NSRE4
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4051NSRE4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4051NSRE4 Datasheet HTML 1Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 2Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 3Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 4Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 5Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 6Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 7Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 8Page - Texas Instruments CD74HC4051NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS122I
Features
• Wide Analog Input Voltage Range . . . . . . . . . .
±5V Max
• Low “On” Resistance
-70
Ω Typical (VCC - VEE = 4.5V)
-40
Ω Typical (VCC - VEE = 9V)
• Low Crosstalk between Switches
• Fast Switching and Propagation Speeds
• “Break-Before-Make” Switching
• Wide Operating Temperature Range . . -55oC to 125oC
• CD54HC/CD74HC Types
- Operation Control Voltage . . . . . . . . . . . . . . 2V to 6V
- Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . 0V to 10V
- High Noise Immunity . . . NIL = 30%, NIH = 30% of VCC,
VCC = 5V
• CD54HCT/CD74HCT Types
- Operation Control Voltage . . . . . . . . . . . 4.5V to 5.5V
- Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . 0V to 10V
- Direct LSTTL Input
Logic Compatibility . . . VIL = 0.8V Max, VIH = 2V Min
- CMOS Input Compatibility . . . . . II ≤ 1μA at VOL, VOH
Description
These devices are digitally controlled analog switches which
utilize silicon gate CMOS technology to achieve operating
speeds similar to LSTTL with the low power consumption of
standard CMOS integrated circuits.
These analog multiplexers/demultiplexers control analog
voltages that may vary across the voltage supply range (i.e.
VCC to VEE). They are bidirectional switches thus allowing
any analog input to be used as an output and vice-versa.
The switches have low “on” resistance and low “off” leak-
ages. In addition, all three devices have an enable control
which, when high, disables all switches to their “off” state.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4051F3A
-55 to 125
16 Ld CERDIP
CD54HC4052F3A
-55 to 125
16 Ld CERDIP
CD54HC4053F3A
-55 to 125
16 Ld CERDIP
CD54HCT4051F3A
-55 to 125
16 Ld CERDIP
CD74HC4051E
-55 to 125
16 Ld PDIP
CD74HC4051M
-55 to 125
16 Ld SOIC
CD74HC4051MT
-55 to 125
16 Ld SOIC
CD74HC4051M96
-55 to 125
16 Ld SOIC
CD74HC4051NSR
-55 to 125
16 Ld SOP
CD74HC4051PWR
-55 to 125
16 Ld TSSOP
CD74HC4051PWT
-55 to 125
16 Ld TSSOP
CD74HC4052E
-55 to 125
16 Ld PDIP
CD74HC4052M
-55 to 125
16 Ld SOIC
CD74HC4052MT
-55 to 125
16 Ld SOIC
CD74HC4052M96
-55 to 125
16 Ld SOIC
CD74HC4052NSR
-55 to 125
16 Ld SOP
CD74HC4052PW
-55 to 125
16 Ld TSSOP
CD74HC4052PWR
-55 to 125
16 Ld TSSOP
CD74HC4052PWT
-55 to 125
16 Ld TSSOP
CD74HC4053E
-55 to 125
16 Ld PDIP
CD74HC4053M
-55 to 125
16 Ld SOIC
CD74HC4053MT
-55 to 125
16 Ld SOIC
CD74HC4053M96
-55 to 125
16 Ld SOIC
CD74HC4053NSR
-55 to 125
16 Ld SOP
CD74HC4053PW
-55 to 125
16 Ld TSSOP
CD74HC4053PWR
-55 to 125
16 Ld TSSOP
CD74HC4053PWT
-55 to 125
16 Ld TSSOP
CD74HCT4051E
-55 to 125
16 Ld PDIP
CD74HCT4051M
-55 to 125
16 Ld SOIC
CD74HCT4051MT
-55 to 125
16 Ld SOIC
CD74HCT4051M96
-55 to 125
16 Ld SOIC
CD74HCT4052E
-55 to 125
16 Ld PDIP
CD74HCT4052M
-55 to 125
16 Ld SOIC
CD74HCT4052MT
-55 to 125
16 Ld SOIC
CD74HCT4052M96
-55 to 125
16 Ld SOIC
CD74HCT4053E
-55 to 125
16 Ld PDIP
CD74HCT4053M
-55 to 125
16 Ld SOIC
CD74HCT4053MT
-55 to 125
16 Ld SOIC
CD74HCT4053M96
-55 to 125
16 Ld SOIC
CD74HCT4053PWR
-55 to 125
16 Ld TSSOP
CD74HCT4053PWT
-55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54/74HC4051, CD54/74HCT4051,
CD54/74HC4052, CD74HCT4052,
CD54/74HC4053, CD74HCT4053
High-Speed CMOS Logic
Analog Multiplexers/Demultiplexers
[ /Title
(CD54
HC405
1,
CD74
HC405
1,
CD74
HCT40
51,
CD74
HC405
2,
November 1997 - Revised July 2004


Similar Part No. - CD74HC4051NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4051NSRE4 TI-CD74HC4051NSRE4 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051NSRE4 TI-CD74HC4051NSRE4 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051NSRE4 TI-CD74HC4051NSRE4 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051NSRE4 TI-CD74HC4051NSRE4 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051NSRE4 TI1-CD74HC4051NSRE4 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results

Similar Description - CD74HC4051NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com