Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G34DCKTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AUP1G34DCKTG4
Description  LOW-POWER SINGLE BUFFER GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G34DCKTG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G34DCKTG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AUP1G34
www.ti.com
SCES603G – AUGUST 2004 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 µA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.3 V
2.05
1.97
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
3 V
2.72
2.67
IOH = –4 mA
2.6
2.55
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
mA
VI or VO = 0 V to
Ioff
0 V
0.2
0.6
mA
3.6 V
VI or VO = 0 V to
ΔIoff
0 V to 0.2 V
0.2
0.6
mA
3.6 V
VI = GND or
ICC
IO = 0
0.8 V to 3.6 V
0.5
0.9
mA
(VCC to 3.6 V)
ΔICC
VI = VCC – 0.6 V
IO = 0
3.3 V
40
50
mA
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
2.5
pF
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
1.8
14.5
27.4
1.2 V ± 0.1 V
3
5.6
11.2
0.4
13.9
1.5 V ± 0.1 V
2.5
4
7.2
0.7
9.2
tpd
A
Y
ns
1.8 V ± 0.15 V
2.2
3.2
6
0.8
7.3
2.5 V ± 0.2 V
1.8
2.4
3.9
0.6
5.1
3.3 V ± 0.3 V
1.4
2
3.2
0.6
4.1
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP1G34


Similar Part No. - SN74AUP1G34DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34DCKTG4 TI1-SN74AUP1G34DCKTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
More results

Similar Description - SN74AUP1G34DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com