Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC8T245PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC8T245PWR
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC8T245PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC8T245PWR Datasheet HTML 3Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 4Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 5Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 6Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 7Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 8Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 9Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 10Page - Texas Instruments SN74AVC8T245PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC8T245
8-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES517H – DECEMBER 2003 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range, V
CCA = 1.8 V ± 0.15 V (see Figure 10)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.5
0.5
5.1
0.5
4.4
0.5
4
0.5
3.9
A
B
ns
tPHL
2.5
0.5
5.1
0.5
4.4
0.5
4
0.5
3.9
tPLH
2.5
0.5
4.6
0.5
4.4
0.5
3.9
0.5
3.7
B
A
ns
tPHL
2.5
0.5
4.6
0.5
4.4
0.5
3.9
0.5
3.7
tPZH
3
1
6.8
1
6.8
1
6.8
1
6.8
OE
A
ns
tPZL
3
1
6.8
1
6.8
1
6.8
1
6.8
tPZH
4.6
1.1
8.2
1
6.7
0.5
5.1
0.5
4.5
OE
B
ns
tPZL
4.6
1.1
8.2
1
6.7
0.5
5.1
0.5
4.5
tPHZ
2.8
0.5
7.1
0.5
7.1
0.5
7.1
0.5
7.1
OE
A
ns
tPLZ
2.8
0.5
7.1
0.5
7.1
0.5
7.1
0.5
7.1
tPHZ
3.9
0.5
7.8
0.5
6.9
0.5
6
0.5
5.8
OE
B
ns
tPLZ
3.9
0.5
7.8
0.5
6.9
0.5
6
0.5
5.8
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (see Figure 10)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.4
0.5
4.7
0.5
3.9
0.5
3.1
0.5
2.8
A
B
ns
tPHL
2.4
0.5
4.7
0.5
3.9
0.5
3.1
0.5
2.8
tPLH
3
0.5
4.9
0.5
4
0.5
3.1
0.5
2.9
B
A
ns
tPHL
3
0.5
4.9
0.5
4
0.5
3.1
0.5
2.9
tPZH
2.2
0.5
4.8
0.5
4.8
0.5
4.8
0.5
4.8
OE
A
ns
tPZL
2.2
0.5
4.8
0.5
4.8
0.5
4.8
0.5
4.8
tPZH
4.5
1.1
7.9
0.5
6.4
0.5
4.6
0.5
4
OE
B
ns
tPZL
4.5
1.1
7.9
0.5
6.4
0.5
4.6
0.5
4
tPHZ
1.8
0.5
5.1
0.5
5.1
0.5
5.1
0.5
5.1
OE
A
ns
tPLZ
1.8
0.5
5.1
0.5
5.1
0.5
5.1
0.5
5.1
tPHZ
3.6
0.5
7.1
0.5
6.3
0.5
5.1
0.5
3.9
OE
B
ns
tPLZ
3.6
0.5
7.1
0.5
6.3
0.5
5.1
0.5
3.9
7
Submit Documentation Feedback


Similar Part No. - SN74AVC8T245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC8T245PWR TI-SN74AVC8T245PWR Datasheet
345Kb / 17P
[Old version datasheet]   8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245PWR TI-SN74AVC8T245PWR Datasheet
201Kb / 13P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245PWR TI-SN74AVC8T245PWR Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245PWR TI1-SN74AVC8T245PWR Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74AVC8T245PWRE4 TI-SN74AVC8T245PWRE4 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC8T245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com