Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N4401-BP
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4401-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  2N4401-BP Datasheet HTML 1Page - Micro Commercial Components 2N4401-BP Datasheet HTML 2Page - Micro Commercial Components 2N4401-BP Datasheet HTML 3Page - Micro Commercial Components 2N4401-BP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N4401
NPN General
Purpose Amplifier
TO-92
Features
Through Hole Package
Capable of 600mWatts of Power Dissipation
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10mAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=0.1mAdc, IC=0)
6.0
Vdc
IBL
Base Cutoff Current
(VCE=35Vdc, VBE=0.4Vdc)
0.1
µAdc
ICEX
Collector Cutoff Current
(VCE=35Vdc, VBE=0.4Vdc)
0.1
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=150mAdc, VCE=1.0Vdc)
(IC=500mAdc, VCE=1.0Vdc)
20
40
80
100
300
40
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.4
0.75
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.75
0.95
1.2
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=20mAdc, VCE=10Vdc, f=100MHz)
250
MHz
Ccb
Collector-Base Capacitance
(VCB=5.0Vdc, IE=0, f=100kHz)
6.5
pF
Ceb
Emitter-Base Capacitance
(VBE=0.5Vdc, IC=0, f=100kHz)
30.0
pF
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=30Vdc, VBE=0.2Vdc
15
ns
tr
Rise Time
IC=150mAdc, IB1=15mAdc)
20
ns
ts
Storage Time
(VCC=30Vdc, IC=150mAdc
225
ns
tf
Fall Time
IB1=IB2=15mAdc)
30
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
A
E
B
C
D
G
Revision: 5
2009/04/21
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
x Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
x Marking:Type number
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
E
B
C


Similar Part No. - 2N4401-BP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N4401-T92-B UTC-2N4401-T92-B Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
2N4401-T92-B UTC-2N4401-T92-B Datasheet
212Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
2N4401-T92-K UTC-2N4401-T92-K Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
2N4401-T92-K UTC-2N4401-T92-K Datasheet
212Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N4401-BP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com