Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 2Page - Texas Instruments ADS5400IPZPR Datasheet HTML 3Page - Texas Instruments ADS5400IPZPR Datasheet HTML 4Page - Texas Instruments ADS5400IPZPR Datasheet HTML 5Page - Texas Instruments ADS5400IPZPR Datasheet HTML 6Page - Texas Instruments ADS5400IPZPR Datasheet HTML 7Page - Texas Instruments ADS5400IPZPR Datasheet HTML 8Page - Texas Instruments ADS5400IPZPR Datasheet HTML 9Page - Texas Instruments ADS5400IPZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
SWITCHING CHARACTERISTICS (continued)
Typical values at TA = 25°C, Min and Max values over full temperature range TMIN = –40°C to TMAX = 85°C, sampling rate = 1
GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock (unless otherwise
noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (SCLK, SDIO, SDENB)
VIH
High level input voltage
2
AVDD3 + 0.3
V
VIL
Low level input voltage
0
0.8
V
IIH
High level input current
±1
mA
IIL
Low level input current
±1
mA
CIN
Input capacitance
2
pF
DIGITAL INPUTS ( ENEXTREF, ENPWD, ENA1BUS)
VIH
High level input voltage
2
AVDD5 + 0.3
V
VIL
Low level input voltage
0
0.8
V
IIH
High level input current
125
mA
~40k
Ω internal pull-down
IIL
Low level input current
20
mA
CIN
Input capacitance
2
pF
DIGITAL OUTPUTS (SDIO, SDO)
VOH
High level output voltage
IOH = 250 µA
2.8
V
VOL
Low level output voltage
IOL = 250 µA
0.4
V
CLOCK INPUTS
RIN
Differential input resistance
CLKINP, CLKINN
130
160
190
Ω
Input capacitance
Estimated to ground from each
CIN
CLKIN pin, excluding soldered
0.8
pF
packaged
TIMING CHARACTERISTICS
(1)
Typical values at TA = 25°C, Min and Max values over full temperature range TMIN = –40°C to TMAX = 85°C, sampling rate = 1
GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock (unless otherwise
noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
ta
Aperture delay
250
ps
Uncertainty of sample point due to internal jitter
Aperture jitter, rms
125
fs
sources
Bus A, using Single Bus Mode
7
Bus A, using Dual Bus Mode Aligned
7.5
Latency
Cycles
Bus B, using Dual Bus Mode Aligned
8.5
Bus A and B, using Dual Bus Mode Staggered
7.5
LVDS OUTPUT TIMING (DATA, CLKOUT, OVR/SYNCOUT)(2)
tCLK
Clock period
1
10
ns
tCLKH
Clock pulse duration, high
Assuming worst case 45/55 duty cycle
0.45
ns
tCLKL
Clock pulse duration, low
Assuming worst case 55/45 duty cycle
0.45
ns
tPD-CLKDIV2
Clock propagation delay
CLKIN rising to CLKOUT rising in divide by 2 mode
700
1200
1700
ps
tPD-CLKDIV4
Clock propagation delay
CLKIN rising to CLKOUT rising in divide by 4 mode
700
1200
1700
ps
Bus A data propagation
tPD-ADATA
700
1400
2100
ps
delay
CLKIN falling to Data Output transition
Bus B data propagation
tPD-BDATA
700
1400
2100
ps
delay
(1)
Timing parameters are specified by design or characterization, but not production tested.
(2)
LVDS output timing measured with a differential 100
Ω load placed ~4 inches from the ADS5400. Measured differential load capacitance
is 3.5pF. Measurement probes and other parasitics add ~1pF. Total approximate capacitive load is 4.5pF differential. All timing
parameters are relative to the device pins, with the loading as stated.
6
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400


Similar Part No. - ADS5400IPZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400IPZPR TI-ADS5400IPZPR Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZPR TI-ADS5400IPZPR Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZPR TI1-ADS5400IPZPR Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results

Similar Description - ADS5400IPZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com