Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BS Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BC847BS
Description  Dual NPN Small Signal Transistor 300mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC847BS Datasheet(HTML) 3 Page - Micro Commercial Components

  BC847BS Datasheet HTML 1Page - Micro Commercial Components BC847BS Datasheet HTML 2Page - Micro Commercial Components BC847BS Datasheet HTML 3Page - Micro Commercial Components BC847BS Datasheet HTML 4Page - Micro Commercial Components BC847BS Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC847BS
Revision: 6
2010/06/17
Micro Commercial Components
MCC
TM
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 °C
125 °C
β = 10
Typical Pulsed Current Gain
vs Collector Current
0.01
0.03
0.1
0.3
1
3
10
30
100
0
200
400
600
800
1000
1200
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5.0 V
CE
Input and Output Capacitance
vs Reverse Bias Voltage
0
4
8
121620
0
1
2
3
4
5
REVERSE BIAS VOLTAGE (V)
f = 1.0 MHz
C ob
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
β = 10
25 °C
- 40 °C
125 °C
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
40
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5.0 V
CE
25 °C
- 40 °C
125 °C
Collect or-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
T - AMBIE NT TEMP ERATURE ( C)
A
°
Vcb=45v
Cte
www.mccsemi.com
3 of 5


Similar Part No. - BC847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
logo
GUANGDONG HOTTECH INDUS...
BC847BS HOTTECH-BC847BS Datasheet
323Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC847BS DIODES-BC847BS Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
BC847BS SECOS-BC847BS Datasheet
1Mb / 7P
   NPN Plastic Encapsulate Transistor
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
More results

Similar Description - BC847BS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
   Dual NPN Small Signal Transistor 300mW
logo
Taiwan Semiconductor Co...
MMBTA05 TSC-MMBTA05_15 Datasheet
749Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16 Datasheet
81Kb / 2P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_11 Datasheet
518Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A_15 Datasheet
256Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904L TSC-MMBT3904L Datasheet
253Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_14 Datasheet
221Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A Datasheet
214Kb / 3P
   300mW, NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com