Electronic Components Datasheet Search |
|
74AVCH4T245PWRE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
74AVCH4T245PWRE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page www.ti.com Electrical Characteristics (1) (2) SN74AVCH4T245 4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES577D – JUNE 2004 – REVISED JUNE 2007 over recommended operating free-air temperature range (unless otherwise noted) TA = 25°C –40 °C to 85°C PARAMETER TEST CONDITIONS VCCA VCCB UNIT MIN TYP MAX MIN MAX IOH = –100 μA 1.2 V to 3.6 V 1.2 V to 3.6 V VCCO – 0.2 IOH = –3 mA 1.2 V 1.2 V 0.95 IOH = –6 mA 1.4 V 1.4 V 1.05 VOH VI = VIH V IOH = –8 mA 1.65 V 1.65 V 1.2 IOH = –9 mA 2.3 V 2.3 V 1.75 IOH = –12 mA 3 V 3 V 2.3 IOL = 100 μA 1.2 V to 3.6 V 1.2 V to 3.6 V 0.2 IOL = 3 mA 1.2 V 1.2 V 0.15 IOL = 6 mA 1.4 V 1.4 V 0.35 VOL VI = VIL V IOL = 8 mA 1.65 V 1.65 V 0.45 IOL = 9 mA 2.3 V 2.3 V 0.55 IOL = 12 mA 3 V 3 V 0.7 II DIR input VI = VCCA or GND 1.2 V to 3.6 V 1.2 V to 3.6 V ±0.025 ±0.25 ±1 μA VI = 0.42 V 1.2 V 1.2 V 25 VI = 0.49 V 1.4 V 1.4 V 15 IBHL (3) VI = 0.58 V 1.65 V 1.65 V 25 μA VI = 0.7 V 2.3 V 2.3 V 45 VI = 0.8 V 3.3 V 3.3 V 100 VI = 0.78 V 1.2 V 1.2 V –25 VI = 0.91 V 1.4 V 1.4 V –15 IBHH (4) VI = 1.07 V 1.65 V 1.65 V –25 μA VI = 1.6 V 2.3 V 2.3 V –45 VI = 2 V 3.3 V 3.3 V –100 1.2 V 1.2 V 50 1.6 V 1.6 V 125 IBHLO (5) VI = 0 to VCCI 1.95 V 1.95 V 200 μA 2.7 V 2.7 V 300 3.6 V 3.6 V 500 1.2 V 1.2 V –50 1.6 V 1.6 V –125 IBHHO (6) VI = 0 to VCCI 1.95 V 1.95 V –200 μA 2.7 V 2.7 V –300 3.6 V 3.6 V –500 (1) VCCO is the VCC associated with the output port. (2) VCCI is the VCC associated with the input port. (3) The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and then raising it to VIL max. (4) The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and then lowering it to VIH min. (5) An external driver must source at least IBHLO to switch this node from low to high. (6) An external driver must sink at least IBHHO to switch this node from high to low. 5 Submit Documentation Feedback |
Similar Part No. - 74AVCH4T245PWRE4 |
|
Similar Description - 74AVCH4T245PWRE4 |