Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5234-AP Datasheet(PDF) 5 Page - Micro Commercial Components

Part # 1N5234-AP
Description  500 mW Zener Diode 2.4 to 75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5234-AP Datasheet(HTML) 5 Page - Micro Commercial Components

  1N5234-AP Datasheet HTML 1Page - Micro Commercial Components 1N5234-AP Datasheet HTML 2Page - Micro Commercial Components 1N5234-AP Datasheet HTML 3Page - Micro Commercial Components 1N5234-AP Datasheet HTML 4Page - Micro Commercial Components 1N5234-AP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MCC
Revision: 7
2009/01/19
TM
Micro Commercial Components
www.mccsemi.com
5 of 5
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold Micro Commercial Components Corp . and all the companies whose
Ordering Information
Device
Packing
(Part Number)-TP
Tape&Reel; 10Kpcs/Reel
(Part Number)-AP
Ammo Packing;5Kpcs/AmmoBox
(Part Number)-BP
Bulk;500pcs/Bag
3


Similar Part No. - 1N5234-AP

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5234 SURGE-1N5234 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5234 DAYA-1N5234 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5234 HORNBY-1N5234 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5234 SEME-LAB-1N5234 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5234 JINANJINGHENG-1N5234 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5234-AP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
LS5221 MCC-LS5221 Datasheet
178Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com