Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV4052A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LV4052A
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV4052A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LV4052A Datasheet HTML 2Page - Texas Instruments SN54LV4052A Datasheet HTML 3Page - Texas Instruments SN54LV4052A Datasheet HTML 4Page - Texas Instruments SN54LV4052A Datasheet HTML 5Page - Texas Instruments SN54LV4052A Datasheet HTML 6Page - Texas Instruments SN54LV4052A Datasheet HTML 7Page - Texas Instruments SN54LV4052A Datasheet HTML 8Page - Texas Instruments SN54LV4052A Datasheet HTML 9Page - Texas Instruments SN54LV4052A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV4052A
SN74LV4052A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Y
Y or COM
CL = 15 pF,
(see Figure 4)
0.7
4
7
7
ns
tPZH
tPZL
Enable
delay time
INH
COM or Y
CL = 15 pF,
(see Figure 5)
4
8
10
10
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Y
CL = 15 pF,
(see Figure 5)
5
8
10
10
ns
tPLH
tPHL
Propagation
delay time
COM or Y
Y or COM
CL = 50 pF,
(see Figure 4)
1.5
6
8
8
ns
tPZH
tPZL
Enable
delay time
INH
COM or Y
CL = 50 pF,
(see Figure 5)
4.7
14
18
18
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Y
CL = 50 pF,
(see Figure 5)
6.9
14
18
18
ns
analog switch characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
FROM
TO
TEST
V
TA = 25°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
CL = 50 pF,
2.3 V
30
Frequency response
(switch on)
COM or Y
Y or COM
L
p,
RL = 600 Ω,
fi = 1 MHz (sine wave)
3 V
35
MHz
(switch on)
fin = 1 MHz (sine wave)
(see Note 6 and Figure 6)
4.5 V
50
CL = 50 pF,
2.3 V
−45
Crosstalk
(between any switches)
COM or Y
Y or COM
CL
50 p ,
RL = 600 Ω,
fin = 1 MHz (sine wave)
3 V
−45
dB
(between any switches)
fin = 1 MHz (sine wave)
(see Note 7 and Figure 7)
4.5 V
−45
CL = 50 pF,
2.3 V
20
Crosstalk
(control input to signal output)
INH
COM or Y
CL
50 p ,
RL = 600 Ω,
fin = 1 MHz (square wave)
3 V
35
mV
(control input to signal output)
fin = 1 MHz (square wave)
(see Figure 8)
4.5 V
65
CL = 50 pF,
2.3 V
−45
Feedthrough attenuation
(switch off)
COM or Y
Y or COM
CL
50 p ,
RL = 600 Ω,
fin = 1 MHz (sine wave)
3 V
−45
dB
(switch off)
fin = 1 MHz (sine wave)
(see Note 7 and Figure 9)
4.5 V
−45
CL = 50 pF,
RL =10kΩ
VI = 2 Vp-p
2.3 V
0.1
Sine-wave distortion
COM or Y
Y or COM
RL = 10 kΩ,
fin = 1 kHz
(i
)
VI = 2.5 Vp-p
3 V
0.1
%
(sine wave)
(see Figure 10)
VI = 4 Vp-p
4.5 V
0.1
NOTES:
6. Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads −3 dB.
7. Adjust fin voltage to obtain 0 dBm at input.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
11.8
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LV4052A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052AJ TI-SN54LV4052AJ Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN54LV4052A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com