Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK-0515S Datasheet(PDF) 2 Page - Recom International Power

Part # RK-0515S
Description  1Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-0515S Datasheet(HTML) 2 Page - Recom International Power

  RK-0515S Datasheet HTML 1Page - Recom International Power RK-0515S Datasheet HTML 2Page - Recom International Power RK-0515S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-international.com
39
April-2005
RK &
&
RH
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0509
1209
3.309
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
0512
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0509
0.000
5.000
10.000
15.000
20.000
25.000
3.309
1209
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.315
1215
0515
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0509
1209
3.309
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0509
0.000
5.000
10.000
15.000
20.000
25.000
3.309
1209
Typical Characteristics
Specifications (Core Operating Area)
Package Weight
2.6g
H-Suffix
2.8g
MTBF (+25°C)
using MIL-HDBK 217F RK types
992 x 103 hours
RH types
1012 x 103 hours
(+85°C)
using MIL-HDBK 217F RK types
145 x 103 hours
RH types
151 x 103 hours
RK-xx05S
RK-xx09S
RK-xx12S
RK-xx15S
RH-xx05D
RH-xx09D
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RK-0515S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK-0515S RECOM-RK-0515S Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-0515S/H6 RECOM-RK-0515S/H6 Datasheet
320Kb / 4P
   1 Watt SIP7 Single and Dual Output
RK-0515SHP RECOM-RK-0515SHP Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-0515SP RECOM-RK-0515SP Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RK-0515S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
   2 Watt SIP7 Single & Dual Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
   2 Watt SIP7 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com