Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB15100F Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SB15100F
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB15100F Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB15100F Datasheet HTML 1Page - Gulf Semiconductor SB15100F Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB15100F
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 100V
CURRENT: 15.0A
FEATURE
ITO-220AC
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Case: JEDEC ITO-220 molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB15100F
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
100
V
Maximum RMS Voltage
Vrms
70
V
Maximum DC blocking Voltage
Vdc
100
V
Maximum Average Forward Rectified Current
at
Tc=133°C
If(av)
15
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
Ifsm
150
A
Maximum Forward Voltage at 15A
Vf
0.80
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =110°C
Ir
250
6.0
μA
mA
Typical Thermal Resistance
(Note 1)
Rth(jc)
5.5
°C/W
Operating Junction and Storage Temperature Ramge
Tj, Tstg
-65 to +150
°C
Note:
1.Thermal Resistance from Junction to Case


Similar Part No. - SB15100F

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB15100 SEMIKRON-SB15100 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB15100 MCC-SB15100 Datasheet
485Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB15100 LRC-SB15100 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Micro Commercial Compon...
SB15100 MCC-SB15100 Datasheet
310Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Microdiode Electronics ...
SB15100L CHENDA-SB15100L Datasheet
753Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB15100F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
logo
Microdiode Electronics ...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
   15.0A SCHOTTKY BARRIER RECTIFIER
SB1545L CHENDA-SB1545L Datasheet
2Mb / 2P
   15.0A SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB10EQ GULFSEMI-SB10EQ Datasheet
427Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB8100FCT GULFSEMI-SB8100FCT Datasheet
118Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 8.0A
SB20100CT GULFSEMI-SB20100CT Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100FCT GULFSEMI-SB20100FCT Datasheet
126Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com