Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G10 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G10
Description  SINGLE 3-INPUT POSITIVE-NAND GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G10 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G10_10 Datasheet HTML 2Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 3Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 4Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 5Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 6Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 7Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 8Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 9Page - Texas Instruments SN74LVC1G10_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
t
h
t
su
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
V
LOAD
Open
GND
R
L
DataInput
TimingInput
0V
0V
0V
t
W
Input
0V
Input
Output
Waveform1
S1atV
(seeNoteB)
LOAD
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
»0V
Output
Output
TEST
S1
t
/t
PLH
PHL
Open
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8V
0.15V
±
2.5V
0.2V
±
3.3V
0.3V
±
5V
0.5V
±
1kW
500 W
500 W
500 W
V
CC
R
L
2× V
CC
2× V
CC
6V
2× V
CC
V
LOAD
C
L
30pF
30pF
50pF
50pF
0.15V
0.15V
0.3V
0.3V
V
D
3V
V
I
V
CC/2
V
CC/2
1.5V
V
CC/2
V
M
£2ns
£2ns
£2.5ns
£2.5ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
V
LOAD
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. t
andt
arethesameast .
F. t
andt
arethesameast .
G. t
andt
arethesameast .
H. Allparametersandwaveformsarenotapplicabletoalldevices.
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
£
W
VOLTAGEWAVEFORMS
PULSEDURATION
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
D
V
+V
OL
D
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
SN74LVC1G10
SINGLE 3-INPUT POSITIVE-NAND GATE
SCES486D – SEPTEMBER 2003 – REVISED JANUARY 2007
Figure 2. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Similar Part No. - SN74LVC1G10_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
More results

Similar Description - SN74LVC1G10_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
   SINGLE 3 INPUT POSITIVE NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
   SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com