Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV14ADGVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV14ADGVR
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV14ADGVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV14ADGVR Datasheet HTML 1Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 2Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 3Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 4Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 5Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 6Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 7Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 8Page - Texas Instruments SN74LV14ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
NOISE CHARACTERISTICS
OPERATING CHARACTERISTICS
SN54LV14A, SN74LV14A
HEX SCHMITT-TRIGGER INVERTERS
SCLS386 J – SEPTEMBER 1997 – REVISED APRIL 2005
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV14A(1)
SN74LV14A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
10.2(2)
19.7(2)
1(2)
22(2)
1
22
tpd
A
Y
ns
CL = 50 pF
13.3
24
1
27
1
27
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV14A(1)
SN74LV14A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
7.3(2)
12.8(2)
1(2)
15.9(2)
1
15
tpd
A
Y
ns
CL = 50 pF
9.6
16.3
1
19.4
1
18.5
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV14A(1)
SN74LV14A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
5.1(2)
8.6(2)
1(2)
10(2)
1
10
tpd
A
Y
ns
CL = 50 pF
6.7
10.6
1
12
1
12
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
VCC = 3.3 V, CL = 50 pF, TA = 25°C
(1)
SN74LV14A
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic
0.2
0.8
V
VOL(V)
Quiet output, minimum dynamic
–0.1
–0.8
V
VOH(V)
Quiet output, minimum dynamic
3.1
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
(1)
Characteristics are for surface-mount packages only.
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
8.8
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
pF
5 V
9.6
4
Submit Documentation Feedback
Copyright © 1997–2005, Texas Instruments Incorporated
Product Folder Link(s): SN54LV14A SN74LV14A


Similar Part No. - SN74LV14ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV14ADGVR TI-SN74LV14ADGVR Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LV14ADGVRE4 TI-SN74LV14ADGVRE4 Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LV14ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com