Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV14ADGVRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV14ADGVRE4
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV14ADGVRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV14ADGVRE4 Datasheet HTML 1Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 2Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 3Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 4Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 5Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 6Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 7Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 8Page - Texas Instruments SN74LV14ADGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
SN54LV14A...J OR W PACKAGE
SN74LV14A...D, DB, DGV, NS
OR PW PACKAGE
(TOP VIEW)
SN74LV14A...RGY PACKAGE
(TOP VIEW)
NC – No internal connection
SN54LV14A...FK PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN54LV14A, SN74LV14A
HEX SCHMITT-TRIGGER INVERTERS
SCLS386 J – SEPTEMBER 1997 – REVISED APRIL 2005
www.ti.com
• 2-V to 5.5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Max t
pd of 10 ns at 5 V
• Latch-Up Performance Exceeds 250 mA Per
• Typical V
OLP (Output Ground Bounce) <0.8 V at
JESD 17
VCC = 3.3 V, TA = 25°C
• ESD Protection Exceeds JESD 22
• Typical V
OHV (Output VOH Undershoot) >2.3 V
at VCC = 3.3 V, TA = 25°C
2000-V Human-Body Model (A114-A)
• Support Mixed-Mode Voltage Operation on All
200-V Machine Model (A115-A)
Ports
1000-V Charged-Device Model (C101)
These hex Schmitt-trigger inverters are designed for 2-V to 5.5-V VCC operation.
The ’LV14A devices contain six independent inverters. These devices perform the Boolean function Y = A.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LV14ARGYR
LV14A
Tube of 50
SN74LV14AD
SOIC – D
LV14A
Reel of 2500
SN74LV14ADR
SOP – NS
Reel of 2000
SN74LV14ANSR
74LV14A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LV14ADBR
LV14A
Tube of 90
SN74LV14APW
TSSOP – PW
Reel of 2000
SN74LV14APWR
LV14A
Reel of 250
SN74LV14APWT
TVSOP – DGV
Reel of 2000
SN74LV14ADGVR
LV14A
CDIP – J
Tube of 25
SNJ54LV14AJ
SNJ54LV14AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LV14AW
SNJ54LV14AW
LCCC – FK
Tube of 55
SNJ54LV14AFK
SNJ54LV14AFK
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 1997–2005, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV14ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV14ADGVRE4 TI-SN74LV14ADGVRE4 Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LV14ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com