Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1600 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SF1600
Description  SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?600V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SF1600 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SF1600 Datasheet HTML 1Page - Gulf Semiconductor SF1600 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SF1600
SINTERED GLASS JUNCTION
ULTRAFAST AVALANCHE RECTIFIER
VOLTAGE:
:1600V
CURRENT: 1.0A
FEATURE
SOD-57
Very low switching losses
Glass passivated
Low reverse current
High reverse voltage
Hermetically sealed package
MECHANICAL DATA
Case: SOD-57 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SF1600
units
Maximum Recurrent Peak Reverse Voltage
VRRM
1600
V
Maximum RMS Voltage
VRMS
1120
V
Maximum DC blocking Voltage
VDC
1600
V
Minimum Reverse Breakdown Voltage
IR = 100
µA
V(BR)R
1650
V
Average
Forward
Rectified
Current
half-
sinewave, Rth(ja)=45K/W, Ta=25
°C
IFAV
1.0
A
Peak Forward Surge Current at tp=10ms, half
sinewave
IFSM
30
A
Maximum Forward Voltage at 1.0A
VF
3.4
V
Non-repetitive peak reverse avalanche energy
at IBR(R)=0.4A
ER
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
IR
5.0
50.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
75
nS
Typical Thermal Resistance
(Note 2)
Rth(ja)
45
K/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Lead length I =10mm, TL= constant


Similar Part No. - SF1600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF1600 VISHAY-SF1600 Datasheet
37Kb / 3P
   Super Fast Rectifiers
Rev. 2, 24-Jun-98
SF1600 VISHAY-SF1600 Datasheet
115Kb / 5P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
SF1600 VISHAY-SF1600 Datasheet
344Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Gaomi Xinghe Electronic...
SF1600 GXELECTRONICS-SF1600 Datasheet
342Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE : 1600 CURRENT: 1.0A
logo
Vishay Siliconix
SF1600 VISHAY-SF1600 Datasheet
120Kb / 5P
   Ultrafast Avalanche Sinterglass Diode
Rev. 1.8, 11-Sep-12
More results

Similar Description - SF1600

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5620 GULFSEMI-1N5620 Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26E GULFSEMI-BYV26E Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
logo
Gaomi Xinghe Electronic...
SF1600 GXELECTRONICS-SF1600 Datasheet
342Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE : 1600 CURRENT: 1.0A
logo
Gulf Semiconductor
1N5617 GULFSEMI-1N5617 Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26C GULFSEMI-BYV26C Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
FE1.5G GULFSEMI-FE1.5G Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
FE1.5M GULFSEMI-FE1.5M Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com