Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A2G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1A2G
Description  GLASS PASSIVATED JUNCTION SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1A2G Datasheet(HTML) 1 Page - Rectron Semiconductor

  1A2G Datasheet HTML 1Page - Rectron Semiconductor 1A2G Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED JUNCTION
SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
MECHANICAL DATA
* Case: Molded plastic black body
* Epoxy: Device hasUL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.19 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1A1G
THRU
1A7G
R-1
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Typical Thermal Resistance
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
1A1G
1A2G
1A3G
1A4G
1A5G
1A6G
1A7G
UNITS
50
100
400
800
1000
Volts
Volts
Volts
Amps
35
50
420
600
70
100
280
400
600
560
800
700
1000
1.0
25
15
60
Amps
pF
0 C
200
140
200
Operating and Storage Temperature Range
R
θ JA
IO
-65 to + 175
0 C/ W
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average
.375” (9.5mm) lead length at TL = 75
oC
VF
SYMBOL
IR
1A1G
1A2G
1A3G
1A4G
1A5G
1A6G
1A7G
UNITS
1.1
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
5.0
50
30
.787 (20.0)
MIN.
.106 (2.7)
.126 (3.2)
.787 (20.0)
MIN.
.102 (2.6)
.091 (2.3)
DIA.
.025 (0.65)
.021 (0.55)
DIA.


Similar Part No. - 1A2G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A2G PANJIT-1A2G Datasheet
51Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
HY ELECTRONIC CORP.
1A2G HY-1A2G Datasheet
775Kb / 3P
   Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1A2G JGD-1A2G Datasheet
127Kb / 2P
   1.0 AMP.GLASS PASSIVATED RECTIFIERS
logo
Pan Jit International I...
1A2G PANJIT-1A2G Datasheet
117Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
1A2G PANJIT-1A2G Datasheet
83Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - 1A2G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GL41Y EIC-GL41Y Datasheet
102Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
logo
Rectron Semiconductor
RL1N4001G RECTRON-RL1N4001G Datasheet
249Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
logo
Central Semiconductor C...
CBR4M-L010M CENTRAL-CBR4M-L010M Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com