Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF30A Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UF30A
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UF30A Datasheet(HTML) 1 Page - Gulf Semiconductor

  UF30A Datasheet HTML 1Page - Gulf Semiconductor UF30A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.1
www.gulfsemi.com
UF30A THRU UF30M
ULTRAFAST EFFICIENT
GLASS PASSIVATED RECTIFIER
VOLTAGE:
:50 TO 1000V
CURRENT:
: 3.0A
FEATURE
DO-
--
-201AD
Low power loss
High surge capability
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250℃/10sec/0.375″lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
SYMBOL
UF
30A
UF
30B
UF
30D
UF
30G
UF
30J
UF
30K
UF
30M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8″lead length at Ta =55℃
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
150.0
A
Maximum Forward Voltage at Forward current
1A Peak
Vf
1.0
1.3
1.7
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10.0
100.0
μA
μA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Junction Capacitance
(Note 2)
Cj
75
50
pF
Typical Thermal Resistance
(Note 3)
R(ja)
20.0
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8″lead length, P.C. Board Mounted


Similar Part No. - UF30A

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
UF30A YUXIANG-UF30A Datasheet
45Kb / 2P
   UF cores and UI cores
More results

Similar Description - UF30A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UF5400 GULFSEMI-UF5400 Datasheet
214Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
HER301G GULFSEMI-HER301G Datasheet
153Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00 TO 1000V CURRENT竊?3.0A
HER151G GULFSEMI-HER151G Datasheet
86Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.5A
UG3A GULFSEMI-UG3A Datasheet
251Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?3.0A
HER101G GULFSEMI-HER101G Datasheet
91Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
HER201G GULFSEMI-HER201G Datasheet
146Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
UF3001 GULFSEMI-UF3001 Datasheet
155Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com