Electronic Components Datasheet Search |
|
NCP5106ADR2G Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCP5106ADR2G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 18 page © Semiconductor Components Industries, LLC, 2010 March, 2010 − Rev. 5 1 Publication Order Number: NCP5106/D NCP5106A, NCP5106B High Voltage, High and Low Side Driver The NCP5106 is a high voltage gate driver IC providing two outputs for direct drive of 2 N−channel power MOSFETs or IGBTs arranged in a half−bridge configuration version B or any other high−side + low−side configuration version A. It uses the bootstrap technique to ensure a proper drive of the high−side power switch. The driver works with 2 independent inputs. Features • High Voltage Range: Up to 600 V • dV/dt Immunity ±50 V/nsec • Negative Current Injection Characterized Over the Temperature Range • Gate Drive Supply Range from 10 V to 20 V • High and Low Drive Outputs • Output Source / Sink Current Capability 250 mA / 500 mA • 3.3 V and 5 V Input Logic Compatible • Up to VCC Swing on Input Pins • Extended Allowable Negative Bridge Pin Voltage Swing to −10 V for Signal Propagation • Matched Propagation Delays Between Both Channels • Outputs in Phase with the Inputs • Independent Logic Inputs to Accommodate All Topologies (Version A) • Cross Conduction Protection with 100 ns Internal Fixed Dead Time (Version B) • Under VCC LockOut (UVLO) for Both Channels • Pin−to−Pin Compatible with Industry Standards • These are Pb−Free Devices Typical Applications • Half−Bridge Power Converters • Any Complementary Drive Converters (Asymmetrical Half−Bridge, Active Clamp) (A Version Only). • Full−Bridge Converters SOIC−8 D SUFFIX CASE 751 MARKING DIAGRAMS NCP5106 = Specific Device Code x = A or B version A = Assembly Location L or WL = Wafer Lot Y or YY = Year W or WW = Work Week G or G = Pb−Free Package http://onsemi.com 1 PDIP−8 P SUFFIX CASE 626 5106x ALYW G 1 8 1 NCP5106x AWLG YYWW PINOUT INFORMATION 8 Pin Package 2 3 4 1 7 6 5 8 IN_LO IN_HI VCC GND VBOOT DRV_HI BRIDGE DRV_LO Device Package Shipping† ORDERING INFORMATION NCP5106APG PDIP−8 (Pb−Free) 50 Units / Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. NCP5106ADR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel NCP5106BPG PDIP−8 (Pb−Free) 50 Units / Rail NCP5106BDR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel |
Similar Part No. - NCP5106ADR2G |
|
Similar Description - NCP5106ADR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |