Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5611A Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5611A
Description  125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5611A_10 Datasheet HTML 5Page - Texas Instruments TAS5611A_10 Datasheet HTML 6Page - Texas Instruments TAS5611A_10 Datasheet HTML 7Page - Texas Instruments TAS5611A_10 Datasheet HTML 8Page - Texas Instruments TAS5611A_10 Datasheet HTML 9Page - Texas Instruments TAS5611A_10 Datasheet HTML 10Page - Texas Instruments TAS5611A_10 Datasheet HTML 11Page - Texas Instruments TAS5611A_10 Datasheet HTML 12Page - Texas Instruments TAS5611A_10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TAS5611A
www.ti.com
SLAS709 – JUNE 2010
AUDIO CHARACTERISTICS (BTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 32.5V,
GVDD_X = 12 V, RL = 4Ω, fS = 400kHz, ROC = 30kΩ, TC = 75°C, Output Filter: LDEM = 7mH, CDEM = 680nF,
MODE = 010, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 3 Ω, 10% THD+N (add Schottky diodes on
all output nodes OUT_X to GND_X, ROC =
165
22k
Ω)
RL = 4 Ω, 10% THD+N
125
PO
Power output per channel
W
RL = 3 Ω, 1% THD+N (add Schottky diodes on
all output nodes OUT_X to GND_X, ROC =
130
22k
Ω)
RL = 4 Ω, 1% THD+N
105
THD+N
Total harmonic distortion + noise
1 W
0.03%
A-weighted, AES17 filter, Input Capacitor
Vn
Output integrated noise
168
mV
Grounded
|VOS|
Output offset voltage
Inputs AC coupled to GND
20
40
mV
SNR
Signal-to-noise ratio(1)
A-weighted, AES17 filter
100
dB
DNR
Dynamic range
A-weighted, AES17 filter
100
dB
Pidle
Power dissipation due to Idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
1.3
W
(1)
SNR is calculated relative to 1% THD+N output level..
(2)
Actual system idle losses also are affected by core losses of output inductors.
AUDIO CHARACTERISTICS (PBTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1kHz, PVDD_X = 32.5V,
GVDD_X = 12 V, RL = 2Ω, fS = 400kHz, ROC = 30kΩ, TC = 75°C, Output Filter: LDEM = 7 mH, CDEM = 1.5 mF,
MODE = 101-10, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 2 Ω, 10% THD+N
250
RL = 3 Ω, 10% THD+N
165
RL = 4 Ω, 10% THD+N
125
PO
Power output per channel
W
RL = 2 Ω, 1% THD+N
210
RL = 3 Ω, 1% THD+N
135
RL = 4 Ω, 1% THD+N
105
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted
170
mV
SNR
Signal to noise ratio(1)
A-weighted
100
dB
DNR
Dynamic range
A-weighted
100
dB
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, 4 channels switching
(2)
1.3
W
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5611A


Similar Part No. - TAS5611A_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5611A_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com