Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5359 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5359
Description  Gate Driver for Notebook Power Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5359 Datasheet(HTML) 6 Page - ON Semiconductor

  NCP5359 Datasheet HTML 1Page - ON Semiconductor NCP5359 Datasheet HTML 2Page - ON Semiconductor NCP5359 Datasheet HTML 3Page - ON Semiconductor NCP5359 Datasheet HTML 4Page - ON Semiconductor NCP5359 Datasheet HTML 5Page - ON Semiconductor NCP5359 Datasheet HTML 6Page - ON Semiconductor NCP5359 Datasheet HTML 7Page - ON Semiconductor NCP5359 Datasheet HTML 8Page - ON Semiconductor NCP5359 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP5359
http://onsemi.com
6
Table 1. DECODER TRUTH TABLE
PWM Input
ZCD
DRVL
DRVH
Greater than 2.2 V
X
Low
High
Greater than 0.8 V, but less than 2.2 V
High (current through MOSFET is greater than 0)
High
Low
Greater than 0.8 V, but less than 2.2 V
Low (current through MOSFET is less than 0)
Low
Low
Less than 0.8 V
X
High
Low
Figure 3.
SW
DRVH−SW
DRVL
IN
10%
90%
90%
10%
90%
10%
10%
90%
tpdlDRVL
tfDRVL
tpdhDRVH
trDRVH
tpdlDRVH
tfDRVH
tpdhDRVL
trDRVL
2 V
2 V
Figure 4. Timing Diagram
PWM
DRVH−SW
DRVL
IL


Similar Part No. - NCP5359

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359ADR2G ONSEMI-NCP5359ADR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNR2G ONSEMI-NCP5359AMNR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNTBG ONSEMI-NCP5359AMNTBG Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
More results

Similar Description - NCP5359

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5358 ONSEMI-NCP5358 Datasheet
131Kb / 10P
   Gate Driver for Desktop Power Systems
December, 2008 ??Rev. 0
logo
Winbond
PC97551 WINBOND-PC97551 Datasheet
268Kb / 6P
   Embedded Controller for Notebook Systems
February 2006 Revision 1.1
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
NEC
UPD161644 NEC-UPD161644 Datasheet
655Kb / 51P
   241 OUTPUT GATE DRIVER WITH POWER SUPPLY FOR TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com