Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5359DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5359DR2G
Description  Gate Driver for Notebook Power Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5359DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5359DR2G Datasheet HTML 1Page - ON Semiconductor NCP5359DR2G Datasheet HTML 2Page - ON Semiconductor NCP5359DR2G Datasheet HTML 3Page - ON Semiconductor NCP5359DR2G Datasheet HTML 4Page - ON Semiconductor NCP5359DR2G Datasheet HTML 5Page - ON Semiconductor NCP5359DR2G Datasheet HTML 6Page - ON Semiconductor NCP5359DR2G Datasheet HTML 7Page - ON Semiconductor NCP5359DR2G Datasheet HTML 8Page - ON Semiconductor NCP5359DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP5359
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VCC = 12 V, TA = 0°C to +85°C, VEN = 5 V unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VCC Operating Voltage
VCC
10
13.2
V
Power ON Reset threshold
VPOR
2.8
V
Supply Current
VCC Quiescent Supply Current in
Normal Operation
IVCC_NORM
EN = 5 V, PWM = OSC, FSW = 100 k
CLOAD = 0 p
2.0
5.0
mA
VCC Standby Current
IVCC_SBC
EN = GND; No switching
0.5
1.0
mA
BST Quiescent Supply Current in
Normal Operation
IBST1_normal
PWM = +5 V, SW = 0 V
1.0
1.8
mA
IBST2_normal
PWM = GND, SW = 0 V
1.0
1.8
BST Standby Current
IBST1_SD
PWM = +5 V
0.25
mA
IBST2_SD
PWM = GND
0.25
Undervoltage Lockout
VCC Start Threshold
VCCTH
8.2
8.7
9.5
V
VCC UVLO Hysteresis
VCCHYS
1.0
V
Output Overvoltage Trip Threshold at
Startup
OVPSU
Power Startup time, VCC > 9 V.
(Without trimming)
1.8
2.0
V
EN Input
Input Voltage High
VEN_HI
2.0
V
Input Voltage Low
VEN_LOW
1.0
V
Hysteresis (Note 5)
VEN_HYS
500
mV
Enable Pin Sink Current
IEN_SINK
VCC = 5.5 V
5.0
mA
Propagation Delay Time (Note 5)
tpdhEN
20
60
ns
tpdlEN
20
60
ns
PWM Input
DRVH Comparator Drop Threshold
VTH_DRVH
2.2
V
PWM Input Self Bias Voltage
VPWM
1.4
1.5
1.6
V
DRVL Comparator Rise Threshold
VTH_DRVL
0.8
V
Input Current
IPWM
PWM = 0 V, EN = GND
30
mA
High Side Driver
Output Resistance, Sourcing
RH_TG
VBST – VSW = 12 V
2.0
3.5
W
Output Resistance, Sinking
RL_TG
VBST – VSW = 12 V
1.0
2.5
W
Transition Time (Note 7)
trDRVH
CLOAD = 3 nF, VBST – VSW = 12 V
16
25
ns
tfDRVH
CLOAD = 3 nF, VBST – VSW = 12 V
11
15
Propagation Delay (Notes 5 & 6)
tpdhDRVH
Driving High, CLOAD = 3 nF
10
35
ns
tpdlDRVH
Driving Low, CLOAD = 3 nF
8.0
30
Low Side Driver
Output Resistance, Sourcing
RH_BG
SW = GND
2.0
3.5
W
Output Resistance, Sinking
RL_BG
SW = VCC
1.0
2.5
W
Transition Time (Note 7)
trDRVL
CLOAD = 3 nF
16
25
ns
tfDRVL
CLOAD = 3 nF
11
15
Propagation Delay (Notes 5 & 6)
tpdhDRVL
Driving High, CLOAD = 3 nF
10
35
ns
tpdlDRVL
Driving Low, CLOAD = 3 nF
8.0
30
Negative Current Detector Threshold
VNCDT
(Note 7)
−1.0
mV
Thermal Shutdown
Thermal Shutdown
Tsd
(Note 7)
150
170
°C
Thermal Shutdown Hysteresis
Tsdhys
(Note 7)
20
°C
5. Guaranteed by design; not tested in production .
6. For propagation delays, ”tpdh” refers to the specified signal going high ”tpdl” refers to it going low.
7. Design guaranteed.


Similar Part No. - NCP5359DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359ADR2G ONSEMI-NCP5359ADR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNR2G ONSEMI-NCP5359AMNR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNTBG ONSEMI-NCP5359AMNTBG Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
More results

Similar Description - NCP5359DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5358 ONSEMI-NCP5358 Datasheet
131Kb / 10P
   Gate Driver for Desktop Power Systems
December, 2008 ??Rev. 0
logo
Winbond
PC97551 WINBOND-PC97551 Datasheet
268Kb / 6P
   Embedded Controller for Notebook Systems
February 2006 Revision 1.1
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
NEC
UPD161644 NEC-UPD161644 Datasheet
655Kb / 51P
   241 OUTPUT GATE DRIVER WITH POWER SUPPLY FOR TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com