Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5359MNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5359MNR2G
Description  Gate Driver for Notebook Power Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5359MNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5359MNR2G Datasheet HTML 1Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 2Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 3Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 4Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 5Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5359MNR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP5359
http://onsemi.com
3
Figure 2. Typical Application
PWM
EN
VOUT
4 V to 15 V
10 V to 13.2 V
*Option
BST
VCC
VCC
EN
PWM
DRVH
DRVL
GND
GND
SW
PIN DESCRIPTION
SOIC−8
DFN10
Symbol
Description
1
1
BST
Upper MOSFET Floating Bootstrap Supply Pin
2
2
PWM
PWM Input Pin
When PWM voltage is higher than 2.2 V, DRVH will set to 1 and DRVL set to 0
When PWM voltage is lower than 0.8 V, DRVL will set to 1 and DRVH set to 0
When 0.8 V < PWM < 2.2 V and SW < 0, DRVL will set to 1
When 0.8 V < PWM < 2.2 V and SW > 0, DRVL will set to 0
3
3
EN
Enable Pin
When OVP, TSD or UVLO has happened, the gate driver will pull the pin to low
4
4, 5
VCC
Connect to Input Power Supply 10 V to 13.2 V
5
6
DRVL
Low Side Gate Drive Output
6
7, 8
GND
Ground Pin
7
9
SW
Switch Node Pin
8
10
DRVH
High Side Gate Drive Output


Similar Part No. - NCP5359MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359ADR2G ONSEMI-NCP5359ADR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNR2G ONSEMI-NCP5359AMNR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNTBG ONSEMI-NCP5359AMNTBG Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
More results

Similar Description - NCP5359MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5358 ONSEMI-NCP5358 Datasheet
131Kb / 10P
   Gate Driver for Desktop Power Systems
December, 2008 ??Rev. 0
logo
Winbond
PC97551 WINBOND-PC97551 Datasheet
268Kb / 6P
   Embedded Controller for Notebook Systems
February 2006 Revision 1.1
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
NEC
UPD161644 NEC-UPD161644 Datasheet
655Kb / 51P
   241 OUTPUT GATE DRIVER WITH POWER SUPPLY FOR TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com