Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5388MNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5388MNR2G
Description  2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5388MNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5388MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 10Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 11Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 12Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 13Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 14Page - ON Semiconductor NCP5388MNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
NCP5388
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS
(0°C < TA < 70°C; 0°C < TJ < 85°C; 10.8 V < VCC < 13.2 V; All DAC Codes; CVCC = 0.1 mF, FSW = 400 kHz, unless otherwise stated)
Parameter
Units
Max
Typ
Min
Test Conditions
Modulators (PWM Comparators)
Minimum Pulse Width
Fs = 400 kHz
30
40
ns
Magnitude of the PWM Ramp
1.0
V
0% Duty Cycle
COMP voltage when the PWM
outputs remain LO
1.2
V
100% Duty Cycle
COMP voltage when the PWM
outputs remain HI
2.3
V
Minimum PWM Linear Duty Cycle
(Note 1)
FS = 400 kHz
90
%
PWM Comparator Offset Mismatch
(Note 1)
Between any 2 phases,
FS = 400 kHz
40
mV
Phase Angle Error
Between adjacent phases,
FS = 400 kHz
−15
15
°
Propagation Delay (Note 1)
Ramp/Comp crossing to Gx high
20
ns
Propagation Delay (Note 1)
Ramp/Comp crossing to Gx low
20
ns
PWM Outputs
Output High Voltage
Sourcing 500 mA
3.3
4.0
4.7
V
Output Low Voltage
Sinking 500 mA
25
100
mV
Rise Time
CL = 20 pF, DVo = 0.3 to 2.0 V
10
ns
Fall Time
CL = 20 pF, DVo = Vmax to 0.7 V
10
ns
Output Impedance – LO State
Resistance to GND (Gx = LO)
50
W
G4 Gate Pin Source Current during
Phase Detect
70
mA
Phase Detection Period
50
ms
G4 Phase Detect Threshold
Resistance
1.0
kW
Gate Driver Enable (DRVON)
Output High Voltage
Sourcing 500 mA
4.0
5.3
5.5
V
Output Low Voltage
Sinking 500 mA
50
200
mV
Rise Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
25
ns
Fall Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
25
ns
Internal Pulldown Resistance
VCC < UVLO Threshold
70
140
kW
1. Guaranteed by design. Not tested in production.


Similar Part No. - NCP5388MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5388MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5381A ONSEMI-NCP5381A Datasheet
401Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
August, 2006 ??Rev. 4
NCP5382 ONSEMI-NCP5382 Datasheet
349Kb / 33P
   2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
March, 2007 ??Rev. 0
NCP5389 ONSEMI-NCP5389 Datasheet
478Kb / 28P
   2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5391 ONSEMI-NCP5391 Datasheet
359Kb / 26P
   2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
July, 2007 - Rev. 1
logo
STMicroelectronics
L6756D STMICROELECTRONICS-L6756D Datasheet
650Kb / 36P
   2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
   2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com