Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT244BPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT244BPWRG4
Description  3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT244BPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVT244BPWRG4 Datasheet HTML 1Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 2Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 3Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 4Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 5Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 6Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 7Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 8Page - Texas Instruments SN74LVT244BPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN74LVT244B
3.3-V ABT OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS354J − FEBRUARY 1994 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Supports Unregulated Battery Operation
Down to 2.7 V
D Typical V
OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D I
off and Power-Up 3-State Support Hot
Insertion
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DB, DW, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
description/ordering information
This octal buffer and line driver is designed specifically for low-voltage (3.3-V) VCC operation, but with the
capability to provide a TTL interface to a 5-V system environment.
The SN74LVT244B is organized as two 4-bit line drivers with separate output-enable (OE) inputs. When OE
is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74LVT244BRGYR
LX244B
SOIC
DW
Tube
SN74LVT244BDW
LVT244B
SOIC − DW
Tape and reel
SN74LVT244BDWR
LVT244B
SOP − NS
Tape and reel
SN74LVT244BNSR
LVT244B
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVT244BDBR
LX244B
40 C to 85 C
TSSOP
PW
Tube
SN74LVT244BPW
LX244B
TSSOP − PW
Tape and reel
SN74LVT244BPWR
LX244B
VFBGA − GQN
Tape and reel
SN74LVT244BGQNR
LX244B
VFBGA − ZQN (Pb-free)
Tape and reel
SN74LVT244BZQNR
LX244B
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
© 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LVT244BPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT244BPWRG4 TI-SN74LVT244BPWRG4 Datasheet
760Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244BPWRG4 TI-SN74LVT244BPWRG4 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT244BPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT240A TI-SN74LVT240A_08 Datasheet
483Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT240A TI-SN74LVT240A Datasheet
309Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_07 Datasheet
760Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH244A-EP TI1-SN74LVTH244A-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A_07 Datasheet
943Kb / 21P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240 TI-SN74LVTH240_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH241-EP TI1-SN74LVTH241-EP Datasheet
432Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B Datasheet
304Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUUFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com