Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6424 Datasheet(PDF) 2 Page - Texas Instruments

Part # TCA6424
Description  LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6424 Datasheet(HTML) 2 Page - Texas Instruments

  TCA6424_10 Datasheet HTML 1Page - Texas Instruments TCA6424_10 Datasheet HTML 2Page - Texas Instruments TCA6424_10 Datasheet HTML 3Page - Texas Instruments TCA6424_10 Datasheet HTML 4Page - Texas Instruments TCA6424_10 Datasheet HTML 5Page - Texas Instruments TCA6424_10 Datasheet HTML 6Page - Texas Instruments TCA6424_10 Datasheet HTML 7Page - Texas Instruments TCA6424_10 Datasheet HTML 8Page - Texas Instruments TCA6424_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TCA6424
SCPS175A – NOVEMBER 2007 – REVISED NOVEMBER 2009
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
The TCA6424 consists of three 8-bit Configuration (input or output selection), Input, Output, and Polarity
Inversion (active high) registers. At power on, the I/Os are configured as inputs. However, the system master can
enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each input or
output is kept in the corresponding input or output register. The polarity of the Input Port register can be inverted
with the Polarity Inversion register. All registers can be read by the system master.
The system master can reset the TCA6424 in the event of a timeout or other improper operation by asserting a
low in the RESET input. The power-on reset puts the registers in their default state and initializes the I2C/SMBus
state machine. The RESET pin causes the same reset/initialization to occur without depowering the part.
The TCA6424 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the TCA6424 can remain a simple slave device.
The device P-port outputs have high-current sink capabilities for directly driving LEDs while consuming low
device current.
One hardware pin (ADDR) can be used to program and vary the fixed I2C address and allow up to two devices to
share the same I2C bus or SMBus.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RGJ
Reel of 3000
TCA6424RGJR
PH424
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 1. TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
PIN NO.
NAME
1
P00
P-port input/output (push-pull design structure). At power on, P00 is configured as an input.
2
P01
P-port input/output (push-pull design structure). At power on, P01 is configured as an input.
3
P02
P-port input/output (push-pull design structure). At power on, P02 is configured as an input.
4
P03
P-port input/output (push-pull design structure). At power on, P03 is configured as an input.
5
P04
P-port input/output (push-pull design structure). At power on, P04 is configured as an input.
6
P05
P-port input/output (push-pull design structure). At power on, P05 is configured as an input.
7
P06
P-port input/output (push-pull design structure). At power on, P06 is configured as an input.
8
P07
P-port input/output (push-pull design structure). At power on, P07 is configured as an input.
9
P10
P-port input/output (push-pull design structure). At power on, P10 is configured as an input.
10
P11
P-port input/output (push-pull design structure). At power on, P11 is configured as an input.
11
P12
P-port input/output (push-pull design structure). At power on, P12 is configured as an input.
12
P13
P-port input/output (push-pull design structure). At power on, P13 is configured as an input.
13
P14
P-port input/output (push-pull design structure). At power on, P14 is configured as an input.
14
P15
P-port input/output (push-pull design structure). At power on, P15 is configured as an input.
15
P16
P-port input/output (push-pull design structure). At power on, P16 is configured as an input.
16
P17
P-port input/output (push-pull design structure). At power on, P17 is configured as an input.
17
P20
P-port input/output (push-pull design structure). At power on, P20 is configured as an input.
18
P21
P-port input/output (push-pull design structure). At power on, P21 is configured as an input.
19
P22
P-port input/output (push-pull design structure). At power on, P22 is configured as an input.
20
P23
P-port input/output (push-pull design structure). At power on, P23 is configured as an input.
21
P24
P-port input/output (push-pull design structure). At power on, P24 is configured as an input.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6424


Similar Part No. - TCA6424_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424ARGJR TI-TCA6424ARGJR Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424ARSMR TI-TCA6424ARSMR Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424RGJR TI-TCA6424RGJR Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6424_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424 Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com