Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6416PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6416PWR
Description  LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6416PWR Datasheet(HTML) 2 Page - Texas Instruments

  TCA6416PWR Datasheet HTML 1Page - Texas Instruments TCA6416PWR Datasheet HTML 2Page - Texas Instruments TCA6416PWR Datasheet HTML 3Page - Texas Instruments TCA6416PWR Datasheet HTML 4Page - Texas Instruments TCA6416PWR Datasheet HTML 5Page - Texas Instruments TCA6416PWR Datasheet HTML 6Page - Texas Instruments TCA6416PWR Datasheet HTML 7Page - Texas Instruments TCA6416PWR Datasheet HTML 8Page - Texas Instruments TCA6416PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
TCA6416
SCPS153A – DECEMBER 2007 – REVISED FEBRUARY 2009 ........................................................................................................................................ www.ti.com
The major benefit of this device is its wide VCC range. It can operate from 1.65 V to 5.5 V on the P-port side and
on the SDA/SCL side. This allows the TCA6416 to interface with next-generation microprocessors and
microcontrollers on the SDA/SCL side, where supply levels are dropping down to conserve power. In contrast to
the dropping power supplies of microprocessors and microcontrollers, some PCB components, such as LEDs,
remain at a 5-V power supply.
The bidirectional voltage level translation in the TCA6416 is provided through VCCI. VCCI should be connected to
the VCC of the external SCL/SDA lines. This indicates the VCC level of the I
2C bus to the TCA6416. The voltage
level on the P-port of the TCA6416 is determined by the VCCP.
The TCA6416 consists of two 8-bit Configuration (input or output selection), Input, Output, and Polarity Inversion
(active high) registers. At power on, the I/Os are configured as inputs. However, the system master can enable
the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each input or output is
kept in the corresponding input or output register. The polarity of the Input Port register can be inverted with the
Polarity Inversion register. All registers can be read by the system master.
The system master can reset the TCA6416 in the event of a timeout or other improper operation by asserting a
low in the RESET input. The power-on reset puts the registers in their default state and initializes the I2C/SMBus
state machine. The RESET pin causes the same reset/initialization to occur without depowering the part.
The TCA6416 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the TCA6416 can remain a simple slave device.
The device P-port outputs have high-current sink capabilities for directly driving LEDs while consuming low
device current.
One hardware pin (ADDR) can be used to program and vary the fixed I2C address and allow up to two devices to
share the same I2C bus or SMBus.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
BGA – ZQS (Pb-free)
Reel of 1000
TCA6416ZQSR
PH416
QFN – RTW
Reel of 3000
TCA6416RTWR
PH416
–40°C to 85°C
Tube of 70
TCA6416PW
TSSOP – PW
PH416
Reel of 2000
TCA6416PWR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ZQS Package Terminal Assignments
E
P13
P11
P10
GND
P06
D
P15
P14
P12
P07
P05
C
P16
P17
P01
P04
P03
B
ADDR
VCCP
VCCI
NB
P02
A
SCL
SDA
INT
RESET
P00
5
4
3
2
1
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6416


Similar Part No. - TCA6416PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416PWR TI-TCA6416PWR Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416PWRG4 TI-TCA6416PWRG4 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6416PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com