Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7373 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7373
Description  4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7373 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7373 Datasheet HTML 2Page - Texas Instruments THS7373 Datasheet HTML 3Page - Texas Instruments THS7373 Datasheet HTML 4Page - Texas Instruments THS7373 Datasheet HTML 5Page - Texas Instruments THS7373 Datasheet HTML 6Page - Texas Instruments THS7373 Datasheet HTML 7Page - Texas Instruments THS7373 Datasheet HTML 8Page - Texas Instruments THS7373 Datasheet HTML 9Page - Texas Instruments THS7373 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
THS7373
SBOS506 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ = +5 V (continued)
At TA = +25°C, RL = 150 Ω to GND, Filter mode, and dc-coupled input/output, unless otherwise noted.
THS7373
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE (HD CHANNELS) (continued)
Return loss
f = 30 MHz, Filter mode
41
dB
C
f = 1 MHz, HD to CVBS channel
–78
dB
C
Crosstalk
f = 1 MHz, CVBS to HD channels
–86
dB
C
f = 1 MHz, HD to HD channels
–78
dB
C
DC PERFORMANCE
VIN = 0 V, CVBS channel
200
300
400
mV
A
Biased output voltage
VIN = 0 V, HD channels
200
300
400
mV
A
Input voltage range
DC input, limited by output
–0.1/2.3
V
C
VIN = –0.1 V, CVBS channel
140
200
μA
A
Sync-tip clamp charge current
VIN = –0.1 V, HD channels
280
400
μA
A
Input impedance
800 || 2
k
Ω || pF
C
OUTPUT CHARACTERISTICS
RL = 150 Ω to +2.5 V
4.85
V
C
RL = 150 Ω to GND
4.5
4.75
V
A
High output voltage swing
RL = 75 Ω to +2.5V
4.7
V
C
RL = 75 Ω to GND
4.5
V
C
RL = 150 Ω to +2.5 V (VIN = –0.2 V)
0.05
V
C
RL = 150 Ω to GND (VIN = –0.2 V)
0.03
0.1
V
A
Low output voltage swing
RL = 75 Ω to +2.5 V (VIN = –0.2 V)
0.1
V
C
RL = 75 Ω to GND (VIN = –0.2 V)
0.05
V
C
Output current (sourcing)
RL = 10 Ω to +2.5 V
90
mA
C
Output current (sinking)
RL = 10 Ω to +2.5 V
85
mA
C
POWER SUPPLY
Operating voltage
2.6
5
5.5
V
B
VIN = 0 V, all channels on
14
16.9
22
mA
A
Total quiescent current, no load
VIN = 0 V, all channels off, VDISABLE = 3 V
1
10
μA
A
Power-supply rejection ratio
At dc
52
dB
C
(PSRR)
LOGIC CHARACTERISTICS(2)
VIH
Disabled or Bypass engaged
2.2
2.1
V
A
VIL
Enabled or Bypass disengaged
0.8
0.75
V
A
IIH
Applied voltage = 3.3 V
0.2
μA
C
IIL
Applied voltage = 0 V
0.2
μA
C
Disable time
100
ns
C
Enable time
100
ns
C
Bypass/filter switch time
10
ns
C
(2)
The logic input pins should not be left floating. They must be connected to logic low (or GND) or logic high (or VS+).
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS7373


Similar Part No. - THS7373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373IPW TI-THS7373IPW Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373IPWR TI-THS7373IPWR Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
More results

Similar Description - THS7373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
   4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
logo
Texas Instruments
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com