Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7373IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7373IPWR
Description  4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7373IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS7373IPWR Datasheet HTML 1Page - Texas Instruments THS7373IPWR Datasheet HTML 2Page - Texas Instruments THS7373IPWR Datasheet HTML 3Page - Texas Instruments THS7373IPWR Datasheet HTML 4Page - Texas Instruments THS7373IPWR Datasheet HTML 5Page - Texas Instruments THS7373IPWR Datasheet HTML 6Page - Texas Instruments THS7373IPWR Datasheet HTML 7Page - Texas Instruments THS7373IPWR Datasheet HTML 8Page - Texas Instruments THS7373IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
75 W
Y'Out
CVBSOut
CVBS
R
Y'/G'
R
P’ /B'
B
R
P’ /R'
R
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CVBSOUT
HD CH1OUT
HD CH2OUT
HDCH3OUT
V
S+
HDBYPASS
NC
CVBSIN
HDCH1IN
HDCH2IN
HDCH3IN
GND
DISABLE
NC
THS7373
ToGPIOController
orGND
75 W
75 W
P' Out
B
75 W
75 W
P' Out
R
75 W
75 W
75 W
+3Vto+5V
THS7373
www.ti.com
SBOS506 – DECEMBER 2009
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
Check for Samples: THS7373
1
FEATURES
DESCRIPTION
234
One SDTV Video Amplifier for CVBS Video
Fabricated using the revolutionary, complementary
Silicon-Germanium (SiGe) BiCom3X process, the
Three HDTV Video Amplifiers for Y’/P’B/P’R,
THS7373 is a low-power, single-supply, 3-V to 5-V,
720p/1080i/1080p30, or G’B’R’ (R’G’B’)
four-channel integrated video buffer. It incorporates
Sixth-Order Low-Pass Filters:
one
standard-definition
(CVBS)
and
three
CVBS Channel: –3 dB at 9.5-MHz
high-definition (HD) filter channels. All filters feature
sixth-order Butterworth characteristics that are useful
HD Channels: –3 dB at 36-MHz with
as digital-to-analog converter (DAC) reconstruction
350-MHz Bypass for 1080p60 Support
filters
or
as
analog-to-digital
converter
(ADC)
Versatile Input Biasing:
anti-aliasing filters. The HD filters can be bypassed to
DC-Coupled with 300-mV Output Shift
support 1080p60 video or up to quad extended
graphics array (QXGA) RGB video.
AC-Coupled with Sync-Tip Clamp
Allows AC-Coupling with Biasing
As part of the THS7373 flexibility, the input can be
configured for ac- or dc-coupled inputs. The 300-mV
Built-in 6-dB Gain (2 V/V)
output level shift allows for a full sync dynamic range
+3-V to +5-V Single-Supply Operation
at the output with 0-V input. The ac-coupled modes
Rail-to-Rail Output:
include a transparent sync-tip clamp option for
composite video (CVBS), Y', and G'B'R' signals.
Output Swings Within 100 mV from the
AC-coupled biasing for C'/P'B/P'R channels can easily
Rails: Allows AC or DC Output Coupling
be achieved by adding an external resistor to VS+.
Supports Driving Two Video Lines/Channel
The THS7373 rail-to-rail output stage with 6-dB gain
Low Total Quiescent Current: 16.2 mA at 3.3 V
allows for both ac and dc line driving. The ability to
Disabled Supply Current Function: 0.1
μA
drive two lines, or 75-
Ω loads, allows for maximum
Low Differential Gain/Phase: 0.15%/0.25°
flexibility as a video line driver. The 16.2-mA total
quiescent current at 3.3 V and 0.1
μA (disabled
RoHS-Compliant Package: TSSOP-14
mode)
makes
it
an
excellent
choice
for
power-sensitive video applications.
APPLICATIONS
The THS7373 is available in a small TSSOP-14
Set Top Box Output Video Buffering
package
that
is
lead-free
and
green
PVR/DVDR/ BluRay™ Output Buffering
(RoHS-compliant).
Low-Power Video Buffering
Figure 1. Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BluRay is a trademark of Blu-ray Disc Association (BDA).
3
Macrovision is a registered trademark of Macrovision Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7373IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373IPWR TI-THS7373IPWR Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
More results

Similar Description - THS7373IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
   4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
logo
Texas Instruments
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com