Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP51460SN33T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP51460SN33T1G
Description  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51460SN33T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP51460SN33T1G Datasheet HTML 3Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 4Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 5Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 6Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 7Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 8Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 9Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 10Page - ON Semiconductor NCP51460SN33T1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP51460
http://onsemi.com
8
APPLICATIONS INFORMATION
Input Decoupling Capacitor (CIN)
It is recommended to connect a 0.1
mF Ceramic capacitor
between VIN and GND pin of the device. This capacitor will
provide a low impedance path for unwanted AC signals or
noise present on the input voltage. The input capacitor will
also limit the influence of input trace inductances and Power
Supply resistance during sudden load current changes.
Higher capacitances will improve the Power Supply
Rejection Ratio and line transient response.
Output Decoupling Capacitor (COUT)
The NCP51460 was designed to be stable without an
additional output capacitor. Without the output capacitor the
VOUT settling times during Reference Turn−on or Turn−off
can be as short as 20
ms (Refer to Figure 24 and 25). The
Load Transient Responses without COUT (Figure 21 and 22)
show good stability of NCP51460 even for fast output
current changes from 0 mA to full load. If smaller VOUT
deviations during load current changes are required, it is
possible to add some external capacitance as shown on
Figure 26.
NCP51460
GND
3.3 V
CIN
0.1 mF
VIN = 4.2 to 28 V
VIN
VOUT
VOUT
COUT
(3.3 V fixed)
Figure 26. Output Capacitor Connection
The COUT will reduce the overshoot and undershoot but
will increase the settling time and can introduce some
ringing of the output voltage during fast load transients.
NCP51460 behavior for different values of ceramic X7R
output capacitors is depicted on Figure 23.
The Output Voltage ringing and settling times can be
reduced by using some additional resistance in series with
the Ceramic Capacitor or by using Tantalum or Aluminum
Capacitors which have higher ESR values. Figure 27 below
shows the Load Transient improvement after adding an
additional 2
W series resistor to a 1 mF Ceramics Capacitor.
3.35
3.30
3.25
3.35
3.30
3.25
Figure 27.
COUT = 1 mF MLCC + 2 W
VIN = 5.8 V, TA = 25°C,
trise_fall = 10 mA/1 ms
VOUT
IOUT = 10 mA
IOUT = 0 mA
COUT = 1 mF MLCC
TIME (50 ms/DIV)
The device was determined to be stable with Aluminum,
Ceramic and Tantalum Capacitors with capacitances
ranging from 0 to 100
mF at TA = 25°C.
Turn−On Response
It is possible to achieve very fast Turn−On time when fast
VIN ramp is applied to NCP51460 input as shown on
Figure 24. However if the Input Voltage change from 0 V to
nominal Input Voltage is extremely fast, the Output Voltage
settling time will increase. Figure 28 below shows this effect
when the Input Voltage change is 5.8 V / 2
ms.
0
1
2
3
0
2
4
6
TIME (10 ms/DIV)
Figure 28.
VIN = 0 V to 5.8 V,
CIN = 0 mF,
COUT = 0 mF,
IOUT = 0 mA, TA = 25°C,
trise = 45 ms
VOUT
VIN


Similar Part No. - NCP51460SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51460SN33T1G ONSEMI-NCP51460SN33T1G Datasheet
459Kb / 11P
   20mA Micropower Precision Voltage Reference
April, 2010 ??Rev. 0
NCP51460SN33T1G ONSEMI-NCP51460SN33T1G Datasheet
444Kb / 11P
   20mA Micropower Precision Voltage Reference
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com