Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVS882 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS882
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVS882 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVS882 Datasheet HTML 1Page - Texas Instruments SN65HVS882 Datasheet HTML 2Page - Texas Instruments SN65HVS882 Datasheet HTML 3Page - Texas Instruments SN65HVS882 Datasheet HTML 4Page - Texas Instruments SN65HVS882 Datasheet HTML 5Page - Texas Instruments SN65HVS882 Datasheet HTML 6Page - Texas Instruments SN65HVS882 Datasheet HTML 7Page - Texas Instruments SN65HVS882 Datasheet HTML 8Page - Texas Instruments SN65HVS882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN65HVS882
www.ti.com ........................................................................................................................................................................................................ SLAS601 – MAY 2008
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
PIN NO.
NAME
1, 2
DB0, DB1
Debounce select inputs
3, 5, 7, 9,
IPx
Input channel x
11, 18, 20, 22
4, 6, 8, 10,
REx
Return path x (LED drive)
12, 17, 19, 21
13
RLIM
Current limiting resistor
14
VCC
Field supply voltage
15
5VOP
5-V output to supply low power isolators
16
TOK
Temperature okay
23
SOP
Serial data output
24
CE
Clock enable input
25
CLK
Serial clock input
26
LD
Load pulse input
27
SIP
Serial data input
28
GND
Field ground
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVS882


Similar Part No. - SN65HVS882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWP TI-SN65HVS882PWP Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWP TI-SN65HVS882PWP Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882PWPG4 TI-SN65HVS882PWPG4 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
More results

Similar Description - SN65HVS882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31910 MAXIM-MAX31910_V01 Datasheet
888Kb / 19P
   Ultra-Low Power Industrial, Octal, Digital Input Translator/Serializer
19-6440; Rev 6; 8/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com