Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC4T774RSVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVC4T774RSVRG4
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVC4T774RSVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74AVC4T774RSVRG4 Datasheet HTML 6Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 7Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 8Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 9Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 10Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 11Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 12Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 13Page - Texas Instruments 74AVC4T774RSVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74AVC4T774RGYRG4
ACTIVE
VQFN
RGY
16
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
74AVC4T774RSVRG4
ACTIVE
UQFN
RSV
16
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AVC4T774PW
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AVC4T774PWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AVC4T774PWR
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AVC4T774PWRG4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AVC4T774RGYR
ACTIVE
VQFN
RGY
16
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SN74AVC4T774RSVR
ACTIVE
UQFN
RSV
16
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
21-Dec-2009
Addendum-Page 1


Similar Part No. - 74AVC4T774RSVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC4T774RSVRG4 TI-74AVC4T774RSVRG4 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC4T774RSVRG4 TI-74AVC4T774RSVRG4 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC4T774RSVRG4 TI1-74AVC4T774RSVRG4 Datasheet
1Mb / 36P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
More results

Similar Description - 74AVC4T774RSVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com