Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV594ADRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LV594ADRE4
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV594ADRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV594ADRE4 Datasheet HTML 3Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 4Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 5Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 6Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 7Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 8Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 9Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 10Page - Texas Instruments SN74LV594ADRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN54LV594A, SN74LV594A
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS413I − APRIL 1998 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
RCLK or SRCLK high or low
7
7.5
7.5
ns
tw
Pulse duration
RCLR or SRCLR low
6
6.5
6.5
ns
SER before SRCLK
5.5
5.5
5.5
SRCLK
↑ before RCLK↑†
8
9
9
tsu
Setup time
SRCLR low before RCLK
8.5
9.5
9.5
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK
6
6.8
6.8
ns
RCLR high (inactive) before RCLK
6.7
7.6
7.6
th
Hold time
SER after SRCLK
1.5
1.5
1.5
ns
† This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
RCLK or SRCLK high or low
5.5
5.5
5.5
ns
tw
Pulse duration
RCLR or SRCLR low
5
5
5
ns
SER before SRCLK
3.5
3.5
3.5
SRCLK
↑ before RCLK↑†
8
8.5
8.5
tsu
Setup time
SRCLR low before RCLK
8
9
9
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK
4.2
4.8
4.8
ns
RCLR high (inactive) before RCLK
4.6
5.3
5.3
th
Hold time
SER after SRCLK
1.5
1.5
1.5
ns
† This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV594A
SN74LV594A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
RCLK or SRCLK high or low
5
5
5
ns
tw
Pulse duration
RCLR or SRCLR low
5.2
5.2
5.2
ns
SER before SRCLK
3
3
3
SRCLK
↑ before RCLK↑†
5
5
5
tsu
Setup time
SRCLR low before RCLK
5
5
5
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK
2.9
3.3
3.3
ns
RCLR high (inactive) before RCLK
3.2
3.7
3.7
th
Hold time
SER after SRCLK
2
2
2
ns
† This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV594ADRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV594ADRE4 TI-SN74LV594ADRE4 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74LV594ADRE4 TI-SN74LV594ADRE4 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74LV594ADRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com