Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC4245APWG4
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC4245APWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC4245APWG4 Datasheet HTML 2Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 3Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 4Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 5Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 6Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 7Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 8Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 9Page - Texas Instruments SN74LVC4245APWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
500
500
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NONINVERTING OUTPUTS
tPLH
tPHL
VOH
VOL
Output
Control
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
VCC
0 V
VOL + 0.3 V
VOH - 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
VCC
0 V
1.5 V
Input
50% VCC
50% VCC
50% VCC
1.5 V
50% VCC
VCC
0 V
1.5 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
PULSE DURATION
SN74LVC4245A
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS375H – MARCH 1994 – REVISED MARCH 2005
A PORT
Figure 1. Load Circuit and Voltage Waveforms
6


Similar Part No. - SN74LVC4245APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245APWG4 TI-SN74LVC4245APWG4 Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245APWG4 TI-SN74LVC4245APWG4 Datasheet
366Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC4245APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A-EP TI1-SN74LVC4245A-EP_15 Datasheet
513Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_07 Datasheet
366Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
   3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
SN74LV8T245 TI-SN74LV8T245_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com