Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3472IDE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL3472IDE4
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3472IDE4 Datasheet(HTML) 4 Page - Texas Instruments

  TL3472IDE4 Datasheet HTML 1Page - Texas Instruments TL3472IDE4 Datasheet HTML 2Page - Texas Instruments TL3472IDE4 Datasheet HTML 3Page - Texas Instruments TL3472IDE4 Datasheet HTML 4Page - Texas Instruments TL3472IDE4 Datasheet HTML 5Page - Texas Instruments TL3472IDE4 Datasheet HTML 6Page - Texas Instruments TL3472IDE4 Datasheet HTML 7Page - Texas Instruments TL3472IDE4 Datasheet HTML 8Page - Texas Instruments TL3472IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL3472
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
SLOS200G − OCTOBER 1997 − REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VCC = 5 V
25
°C
1.5
10
VIO
Input offset voltage
V
±15 V
25
°C
1.0
10
mV
VIO
Input offset voltage
VCC = ±15 V
Full range
12
mV
a
V
IO
Temperature coefficient of
input offset voltage
VIC = 0,
VO = 0,
VCC = ±15 V
Full range
10
μV/°C
I
Input offset current
VO = 0,
RS = 50 Ω
V
±15 V
25
°C
6
75
nA
IIO
Input offset current
S
VCC = ±15 V
Full range
300
nA
I
Input bias current
V
±15 V
25
°C
100
500
nA
IIB
Input bias current
VCC = ±15 V
Full range
700
nA
V
Common-mode
R
50
Ω
25
°C
−15
to
12.8
V
VICR
Common mode
input voltage range
RS = 50 Ω
Full range
−15
to
12.8
V
VCC+ = 5 V,
VCC− = 0,
RL = 2 kΩ
25
°C
3.7
4
VOH
High-level output voltage
RL = 10 kΩ
25
°C
13.6
14
V
VOH
High level output voltage
RL = 2 kΩ
Full range
13.4
V
VCC+ = 5 V,
VCC− = 0,
RL = 2 kΩ
25
°C
0.1
0.3
VOL
Low-level output voltage
RL = 10 kΩ
25
°C
−14.7
−14.3
V
VOL
Low level output voltage
RL = 2 kΩ
Full range
−13.5
V
A
Large-signal differential
V
±10 V
R
2k
Ω
25
°C
25
100
V/mV
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL = 2 kΩ
Full range
20
V/mV
I
Short circuit output current
Source: VID = 1 V,
VO = 0
25
°C
−10
−34
mA
IOS
Short-circuit output current
Sink: VID = −1 V,
VO = 0
25
°C
20
27
mA
CMRR
Common mode rejection ratio
V
V
(min)
R
50
Ω
25
°C
65
97
dB
CMRR
Common-mode rejection ratio
VIC = VICR(min),
RS = 50 Ω
25
°C
65
97
dB
kSVR
Supply-voltage rejection ratio
(
ΔVCC±/ΔVIO)
VCC± = ±13.5 V to ±16.5 V,
RS = 100 Ω
25
°C
70
97
dB
V
0
No load
25
°C
3.5
4.5
ICC
Supply current (per channel)
VO = 0,
No load
Full range
4.5
5.5
mA
CC
pp y
(p
)
VCC+ = 5 V, VO = 2.5 V, VCC− = 0, No load
25
°C
3.5
4.5
All typical values are at TA = 25°C.
Full range is 0
°C to 70°C for the TL3472C device and −40°C to 105°C for the TL3472I device.


Similar Part No. - TL3472IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472ID TI-TL3472ID Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472IDR TI-TL3472IDR Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results

Similar Description - TL3472IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2716 NJRC-NJM2716 Datasheet
144Kb / 5P
   SINGLE SUPPLY HI-SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
   HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com