Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59208F Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59208F
Description  8-BIT FM I2C BUS LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59208F Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC59208F Datasheet HTML 2Page - Texas Instruments TLC59208F Datasheet HTML 3Page - Texas Instruments TLC59208F Datasheet HTML 4Page - Texas Instruments TLC59208F Datasheet HTML 5Page - Texas Instruments TLC59208F Datasheet HTML 6Page - Texas Instruments TLC59208F Datasheet HTML 7Page - Texas Instruments TLC59208F Datasheet HTML 8Page - Texas Instruments TLC59208F Datasheet HTML 9Page - Texas Instruments TLC59208F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
I
2C INTERFACE TIMING REQUIREMENTS
TLC59208F
SCLS715 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
TA = –40°C to 85°C
STANDARD-MODE
FAST-MODE
FAST-MODE PLUS
I2C BUS
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
I2C Interface
fSCL
SCL clock frequency
0
100
0
400
0
1000
kHz
I2C bus free time between stop and
tBUF
4.7
1.3
0.5
µs
start
tHD;STA
Hold time (repeated) Start condition
4
0.6
0.26
µs
Set-up time for a repeated Start
tSU;STA
4.7
0.6
0.26
µs
condition
tSU;STO
Set-up time for Stop condition
4
0.6
0.26
µs
tHD;DAT
Data hold time
0
0
0
ns
tVD;ACK
Data valid acknowledge time(1)
0.3
3.45
0.1
0.9
0.05
0.45
µs
tVD;DAT
Data valid time(2)
0.3
3.45
0.1
0.9
0.05
0.45
µs
tSU;DAT
Data set-up time
250
100
50
ns
tLOW
Low period of the SCL clock
4.7
1.3
0.5
µs
tHIGH
High period of the SCL clock
4
0.6
0.26
µs
Fall time of both SDA and SCL
tf
300
20+0.1Cb
(5)
300
120
ns
signals(3)(4)
Rise time of both SDA and SCL
tr
1000
20+0.1Cb
(5)
300
120
ns
signals
Pulse width of spikes that must be
tSP
50
50
50
ns
suppressed by the input filter(6)
Reset
tW
Reset pulse width
10
10
10
ns
tREC
Reset recovery time
0
0
0
ns
tRESET
Time to reset(7)(8)
400
400
400
ns
(1)
tVD;ACK = time for Acknowledgement signal from SCL low to SDA (out) low.
(2)
tVD;DAT = minimum time for SDA data out to be valid following SCL low.
(3)
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region of SCLs falling edge.
(4)
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time (tf) for the SDA output stage is specified
at 250 ns. This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines
without exceeding the maximum specified tf.
(5)
Cb = total capacitance of one bus line in pF.
(6)
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns
(7)
Resetting the device while actively communicating on the bus may cause glitches or errant Stop conditions.
(8)
Upon reset, the full delay will be the sum of tRESET and the RC time constant of the SDA bus.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59208F


Similar Part No. - TLC59208F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
TLC59208FIPWR TI-TLC59208FIPWR Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208FIRGYR TI-TLC59208FIRGYR Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results

Similar Description - TLC59208F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634PW,112 NXP-PCA9634PW,112 Datasheet
211Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
Texas Instruments
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com