Electronic Components Datasheet Search |
|
SN74AHC00DBR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74AHC00DBR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 22 page SN54AHC00, SN74AHC00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCLS227I − OCTOBER 1995 − REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC00 SN74AHC00 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y C 15 pF 5.5* 7.9* 1* 9.5* 1 9.5 ns tPHL A or B Y CL = 15 pF 5.5* 7.9* 1* 9.5* 1 9.5 ns tPLH AorB Y C =50pF 8 11.4 1 13 1 13 ns tPHL A or B Y CL = 50 pF 8 11.4 1 13 1 13 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC00 SN74AHC00 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y C 15 pF 3.7* 5.5* 1* 6.5* 1 6.5 ns tPHL A or B Y CL = 15 pF 3.7* 5.5* 1* 6.5* 1 6.5 ns tPLH AorB Y C =50pF 5.2 7.5 1 8.5 1 8.5 ns tPHL A or B Y CL = 50 pF 5.2 7.5 1 8.5 1 8.5 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHC00 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.3 0.8 V VOL(V) Quiet output, minimum dynamic VOL −0.3 −0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.6 V VIH(D) High-level dynamic input voltage 3.5 V VIL(D) Low-level dynamic input voltage 1.5 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 9.5 pF |
Similar Part No. - SN74AHC00DBR |
|
Similar Description - SN74AHC00DBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |