Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3120 Datasheet(PDF) 44 Page - Texas Instruments

Part # TLV320DAC3120
Description  Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC3120 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLV320DAC3120_10 Datasheet HTML 40Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 41Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 42Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 43Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 44Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 45Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 46Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 47Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
TLV320DAC3120
SLAS659 – NOVEMBER 2009
www.ti.com
Table 5-22. PLL Example Configurations
PLL_CLKIN (MHz)
PLLP
PLLR
PLLJ
PLLD
MDAC
NDAC
DOSR
fS = 44.1 kHz
2.8224
1
3
10
0
3
5
128
5.6448
1
3
5
0
3
5
128
12
1
1
7
560
3
5
128
13
1
1
6
3504
6
3
104
16
1
1
5
2920
3
5
128
19.2
1
1
4
4100
3
5
128
48
4
1
7
560
3
5
128
fS = 48 kHz
2.048
1
3
14
0
7
2
128
3.072
1
4
7
0
7
2
128
4.096
1
3
7
0
7
2
128
6.144
1
2
7
0
7
2
128
8.192
1
4
3
0
4
4
128
12
1
1
7
1680
7
2
128
16
1
1
5
3760
7
2
128
19.2
1
1
4
4800
7
2
128
48
4
1
7
1680
7
2
128
5.8
Digital Audio and Control Interface
5.8.1
Digital Audio Interface
Audio data is transferred between the host processor and the TLV320DAC3120 via the digital audio data
serial interface, or audio bus. The audio bus on this device is very flexible, including left- or right-justified
data options, support for I2S or PCM protocols, programmable data-length options, a TDM mode for
multichannel operation, very flexible master/slave configurability for each bus clock line, and the ability to
communicate with multiple devices within a system directly.
NOTE
The TLV320AIC3102 has a mono DAC, which inputs the mono data from the digital audio
data serial interface as the left channel, the right channel, or a mix of the left and right
channels as (L + R) ÷ 2 (page 0 / register 63, bits D5–D4). See Figure 1-1 for the signal
flow of the DAC blocks.
The audio bus of the TLV320DAC3120 can be configured for left- or right-justified, I2S, DSP, or TDM
modes of operation, where communication with standard telephony PCM interfaces is supported within the
TDM mode. These modes are all MSB-first, with data width programmable as 16, 20, 24, or 32 bits by
configuring page 0 / register 27, bits D5–D4. In addition, the word clock and bit clock can be
independently configured in either master or slave mode for flexible connectivity to a wide variety of
processors. The word clock is used to define the beginning of a frame, and may be programmed as either
a pulse or a square-wave signal. The frequency of this clock corresponds to the maximum of the selected
DAC sampling frequencies.
The bit clock is used to clock in and clock out the digital audio data across the serial bus. When in master
mode, this signal can be programmed to generate variable clock pulses by controlling the bit-clock divider
in page 0 / register 30 (see Figure 5-16). The number of bit-clock pulses in a frame may need adjustment
to accommodate various word lengths as well as to support the case when multiple TLV320DAC3120s
may share the same audio bus.
44
APPLICATION INFORMATION
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3120


Similar Part No. - TLV320DAC3120_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3120_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com