Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3120 Datasheet(PDF) 45 Page - Texas Instruments

Part # TLV320DAC3120
Description  Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC3120 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLV320DAC3120_10 Datasheet HTML 41Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 42Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 43Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 44Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 45Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 46Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 47Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 48Page - Texas Instruments TLV320DAC3120_10 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
BCLK
WCLK
1
0
0
1
0
T0149-05
1/f
S
LSB
MSB
Left Channel
Right Channel
2
2
DIN
n–1
n–1
n–2
n–2
n–3
n–3
TLV320DAC3120
www.ti.com
SLAS659 – NOVEMBER 2009
The TLV320DAC3120 also includes a feature to offset the position of start of data transfer with respect to
the word clock. This offset can be controlled in terms of number of bit clocks and can be programmed in
page 0 / register 28.
The TLV320DAC3120 also has the feature of inverting the polarity of the bit clock used for transferring the
audio data as compared to the default clock polarity used. This feature can be used independently of the
mode of audio interface chosen. This can be configured via page 0 / register 29, bit D3.
By default, when the word clocks and bit clocks are generated by the TLV320DAC3120, these clocks are
active only when the DAC is powered up within the device. This is done to save power. However, it also
supports a feature when both the word clocks and bit clocks can be active even when the codec in the
device is powered down. This is useful when using the TDM mode with multiple codecs on the same bus,
or when word clocks or bit clocks are used in the system as general-purpose clocks.
5.8.1.1
Right-Justified Mode
The audio interface of the TLV320DAC3120 can be put into right-justified mode by programming page 0 /
register 27, bits D7–D6 = 10. In right-justified mode, the LSB of the left channel is valid on the rising edge
of the bit clock preceding the falling edge of the word clock. Similarly, the LSB of the right channel is valid
on the rising edge of the bit clock preceding the rising edge of the word clock.
Figure 5-19. Timing Diagram for Right-Justified Mode
For right-justified mode, the number of bit clocks per frame should be greater than or equal to twice the
programmed word length of the data.
Copyright © 2009, Texas Instruments Incorporated
APPLICATION INFORMATION
45
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3120


Similar Part No. - TLV320DAC3120_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3120_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com