Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467CZUT7 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320DM6467CZUT7
Description  Digital Media System-on-Chip
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467CZUT7 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6467CZUT7 Datasheet HTML 3Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 4Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 5Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 6Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 7Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 8Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 9Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 10Page - Texas Instruments TMS320DM6467CZUT7 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 357 page
background image
2
Revision History
TMS320DM6467
Digital Media System-on-Chip
www.ti.com
SPRS403F – DECEMBER 2007 – REVISED OCTOBER 2009
This data manual revision history highlights the technical changes made to the SPRS403E
device-specific data manual to make it an SPRS403F revision.
Scope: Applicable updates to the DM646x DMSoC device family, specifically relating to the
TMS320DM6467 device (all Silicon Revisions 3.0, 1.1, and 1.0) which is now in the production data (PD)
stage of development have been incorporated.
• Increased the VPIF operating frequency from 99 MHz to 108 MHz for -729 devices
• Updated PCI Terminal Functions pin descriptions including the disabling of the IPUs/IPDs in PCI mode
(PCIEN = 1) and the addition of the PCI_RSV[0:5] pin descriptions (pins: A9, E9, B10, D10, A11, and
D11)
• The DM6467 devices now support 512 MB of DDR2 memory
• Updated/Changed pin B10 to "PCI_RSV2/INTRQ/GP[18]/EM_RSV0"
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Added, where applicable, the support of 108-MHz operating frequency for the Video Port Interface (VPIF)
peripheral for -729 devices
Added, where applicable, the PCI_RSV[0:5] pin descriptions [A9, E9, B10, E10, A11, and D11],
associated footnotes, and muxing functionality
Added, where applicable, the disabling of the IPUs/IPDs on all PCI pins when in PCI mode (PCIEN = 1); it
is recommended that additional external resistors be added on PCI_RSV[0:5] pins.
Updated/Changed, where applicable, the EMU RSV pin function from "RSV" to "EMU_RSV0"
Added, where applicable, DDR2 memory has been updated/changed to support 512 MB vs. 256 MB
Section 3.1
Table 3-1, Characteristics of the DM6467 Processor:
Device Characteristics
Added to the "Configurable Video Port Interface (VPIF)" both 99 MHz and 108 MHz operating frequency
ranges
Updated/Changed, under the PLL Options, the DEV_CLKIN frequency multiplier (PLLC2) (27-MHz
reference) descriptions
Section 3.6
Section 3.6.1, Pin Map (Bottom View):
Pin Assignments
Updated/Changed Figure 3-6, Pin Map [Section E] pin names for A9, A11, B10, E9, E10, and D11
Section 3.7.7
Table 3-11, Peripheral Component Interconnect (PCI) Terminal Functions:
Peripheral Component
Added the "Also, in PCI mode (PCIEN = 1), the internal ..." paragraph under Note:
Interconnect (PCI)
Section 4.3.1.2
Table 4-3, DM6467 Default Module States:
Module Clock State
Updated/Changed DEFAULT MODULE STATE description of LPSC #1 and #21
Updated/Changed LPSC # 16 and 17 to be used in combination for the Video Port
Added associated footnote explanation
Section 4.7.3
Section 4.7.3.7, CRGEN Signal Muxing:
Pin Multiplexing Details
Updated/changed "The two CRGEN modules shared pin with ..." lead-in sentence [Cleared
Documentation Feedback Issue]
Section 4.8
Section 4.8.1, Pullup/Pulldown Resistors:
Debugging Considerations
Added "For most systems, a 20-k
Ω resistor can also be used as an external PU/PD ..." paragraph
Section 6
Section 6.1, Absolute Maximum Ratings Over Operating Case Temperature Range (Unless Otherwise Noted):
Device Operating
Updated/Changed the Supply voltage ranges, I/O, 3.3V from "0 V to 3.8 V" to "–0.3 V to 3.8 V"
Conditions
Updated/Changed the Supply voltage ranges, I/O, 1.8V from "0 V to 2.6 V" to "–0.3 V to 2.6 V"
Updated/Changed the Storage temperature range, Tstg, (default) from "–65°C to 150°C" to "–55°C to
150
°C"
Section 7.3.4
Table 7-2, DM6467 Clock Domains:
DM6467 Power and Clock
Updated/Changed the VPIF FIXED RATIO vs. SYSCLK1 FREQUENCY under VPIF for -594 and -729
Domains
Updated/Changed the VPIF PLL MODE for -594 from "74.25" to "99" MHz
Updated/Changed the VPIF PLL MODE for -729 from "72.9" to "104.14" MHz
Submit Documentation Feedback
Revision History
7


Similar Part No. - TMS320DM6467CZUT7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6467CZUT7 TI-TMS320DM6467CZUT7 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUT7 TI-TMS320DM6467CZUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUT7 TI-TMS320DM6467CZUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUT7 TI1-TMS320DM6467CZUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CZUT7 TI1-TMS320DM6467CZUT7 Datasheet
2Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6467CZUT7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com