Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3111D1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA3111D1
Description  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3111D1_10 Datasheet HTML 6Page - Texas Instruments TPA3111D1_10 Datasheet HTML 7Page - Texas Instruments TPA3111D1_10 Datasheet HTML 8Page - Texas Instruments TPA3111D1_10 Datasheet HTML 9Page - Texas Instruments TPA3111D1_10 Datasheet HTML 10Page - Texas Instruments TPA3111D1_10 Datasheet HTML 11Page - Texas Instruments TPA3111D1_10 Datasheet HTML 12Page - Texas Instruments TPA3111D1_10 Datasheet HTML 13Page - Texas Instruments TPA3111D1_10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
20
100
1k
10k
20k
G016
Gain = 20 dB
VCC = 12 V
ZL = 8 Ω + 66 µH
PO(Tot) − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
6
7
8
9
10
G015
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
TPA3111D1
SLOS618A – AUGUST 2009 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
SUPPLY CURRENT
SUPPLY RIPPLE REJECTION RATIO
vs
vs
TOTAL OUTPUT POWER
FREQUENCY
Figure 14.
Figure 15.
DEVICE INFORMATION
Gain setting via GAIN0 and GAIN1 inputs
The gain of the TPA3111D1 is set by two input terminals, GAIN0 and GAIN1. The voltage slew rate of these gain
terminals, along with terminals 1 and 14, must be restricted to no more than 10V/ms. For higher slew rates, use
a 100k
Ω resistor in series with the terminals.
The gains listed in Table 1 are realized by changing the taps on the input resistors inside the amplifier. This
causes the input impedance (ZI) to be dependent on the gain setting. The actual gain settings are controlled by
ratios of resistors, so the gain variation from part-to-part is small. However, the input impedance from part-to-part
at the same gain may shift by ±20% due to shifts in the actual resistance of the input resistors.
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 7.2 k
Ω, which is the absolute minimum input impedance of the TPA3111D1. At the lower gain
settings, the input impedance could increase as high as 72 k
Table 1. Gain Setting
INPUT IMPEDANCE
AMPLIFIER GAIN (dB)
(k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
20
60
0
1
26
30
1
0
32
15
1
1
36
9
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3111D1


Similar Part No. - TPA3111D1_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
More results

Similar Description - TPA3111D1_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com