Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV341AIDCKTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341AIDCKTG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341AIDCKTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV341AIDCKTG4 Datasheet HTML 5Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 6Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 7Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 8Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 9Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 10Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 11Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 12Page - Texas Instruments TLV341AIDCKTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
100
90
80
70
1.5
2
2.5
3
3.5
4
4.5
110
120
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
130
5
30
40
50
60
VCC − Supply Voltage − V
125
°C
85
°C
25
°C
−40
°C
Figure 2
−40 −20
0
20
40
60
80
100 120
140
INPUT BIAS CURRENT
vs
TEMPERATURE
TA − Free-Air Temperature − °C
V+ = 5 V
0.1
1
10
100
1,000
Figure 3
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
RL = 2 kΩ
Negative Swing
Positive Swing
10
15
20
25
30
35
Figure 4
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
1.5
2
2.5
3
3.5
4
4.5
5
RL = 10 kΩ
Negative Swing
Positive Swing
3
3.5
4
4.5
5
5.5
6
6.5
7


Similar Part No. - TLV341AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341AIDCKTG4 TI-TLV341AIDCKTG4 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDCKTG4 TI1-TLV341AIDCKTG4 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
TLV341AIDCKTG4 TI1-TLV341AIDCKTG4 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results

Similar Description - TLV341AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
TLV341 TI-TLV341_07 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
   Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com