Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E001 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPD2E001
Description  LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E001 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD2E001_2 Datasheet HTML 2Page - Texas Instruments TPD2E001_2 Datasheet HTML 3Page - Texas Instruments TPD2E001_2 Datasheet HTML 4Page - Texas Instruments TPD2E001_2 Datasheet HTML 5Page - Texas Instruments TPD2E001_2 Datasheet HTML 6Page - Texas Instruments TPD2E001_2 Datasheet HTML 7Page - Texas Instruments TPD2E001_2 Datasheet HTML 8Page - Texas Instruments TPD2E001_2 Datasheet HTML 9Page - Texas Instruments TPD2E001_2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Jul-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TPD2E001DRLR
ACTIVE
SOT
DRL
5
4000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TPD2E001DRLRG4
ACTIVE
SOT
DRL
5
4000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TPD2E001DRSR
ACTIVE
SON
DRS
6
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
Request Free Samples
TPD2E001DRYR
ACTIVE
SON
DRY
6
5000
TBD
Call TI
Call TI
Request Free Samples
TPD2E001DRYRG4
ACTIVE
SON
DRY
6
5000
TBD
Call TI
Call TI
Request Free Samples
TPD2E001DZDR
ACTIVE
SOP
DZD
4
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPD2E001_2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001-NM TI1-TPD2E001-NM Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Similar Description - TPD2E001_2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_14 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com