Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E001 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E001
Description  LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E001 Datasheet(HTML) 4 Page - Texas Instruments

  TPD2E001 Datasheet HTML 1Page - Texas Instruments TPD2E001 Datasheet HTML 2Page - Texas Instruments TPD2E001 Datasheet HTML 3Page - Texas Instruments TPD2E001 Datasheet HTML 4Page - Texas Instruments TPD2E001 Datasheet HTML 5Page - Texas Instruments TPD2E001 Datasheet HTML 6Page - Texas Instruments TPD2E001 Datasheet HTML 7Page - Texas Instruments TPD2E001 Datasheet HTML 8Page - Texas Instruments TPD2E001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TYPICAL OPERATING CHARACTERISTICS
0.00
1.00
2.00
2.50
3.00
4.00
5.00
IO Voltage (V)
1.00
1.20
1.40
1.60
1.80
2.00
2.20
1
10
100
1000
–40
25
45
65
85
Temperature (°C)
TPD2E001
SLLS684E – JULY 2006 – REVISED JUNE 2008............................................................................................................................................................... www.ti.com
IO CAPACITANCE
vs
IO VOLTAGE
(VCC = 5.0 V)
IO LEAKAGE CURRENT
vs
TEMPERATURE
(VCC = 5.5 V)
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPD2E001


Similar Part No. - TPD2E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD2E001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_12 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI1-TPD2E001_14 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 2-Channel 짹15-kV ESD-Protection Array For High-Speed Data Interfaces
TPD2E001-Q1 TI1-TPD2E001-Q1 Datasheet
383Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001_08 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI-TPD3E001 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD6E004 TI-TPD6E004 Datasheet
484Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001 TI1-TPD3E001_14 Datasheet
787Kb / 18P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com