Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2EUSB30 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD2EUSB30
Description  2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2EUSB30 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2EUSB30_1 Datasheet HTML 1Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 2Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 3Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 4Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 5Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 6Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 7Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 8Page - Texas Instruments TPD2EUSB30_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D+
3
1
2
D–
GND
TPD2EUSB30
www.ti.com
SLVSA12 – NOVEMBER 2009
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
Check for Samples: TPD2EUSB30
1
FEATURES
APPLICATIONS
Notebooks
0.05-pF Matching Capacitance Between the
Differential Signal Pair
Set-Top Boxes
DVD Players
Single-Pair Differential Lines to Protect the
Differential Data and Clock Lines of the
Media Players
USB3.0, eSATA, or LVD Interface
Portable Computers
Flow-Through Pin Mapping for the High-Speed
DRT PACKAGE
Lines Ensures Zero Additional Skew Due to
(TOP VIEW)
Board Layout While Placing ESD-Protection
Chip Near the Connector
Supports Data Rates in Excess of 6 Gbps
ESD Protection Meets or Exceeds
IEC61000-4-2 (Level 4)
5-A Peak Pulse Current (8/20
μs Pulse) for D+,
D– Lines
Industrial Temperature Range: –40°C to 85°C
Space-Saving DRT Package
DESCRIPTION/ORDERING INFORMATION
The TPD2EUSB30 provides 2 ESD clamp circuits with flow-through pin mapping for ease of board layout. This
device has been designed to protect sensitive components which are connected to ultra high-speed data and
transmission lines. The TPD2EUSB30 offers protection from stress caused by ESD (electrostatic discharge). This
device also offers 5 A (8/20
μs) peak pulse current ratings per IEC 61000-4-5 (lightning) specification.
The monolithic silicon technology allows matching between the differential signal pairs. The less than differential
0.05-pF capacitance ensures that the differential signal distortion due to added ESD clamp remains minimal. The
0.7-pF line capacitance is suitable for high-speed data rate (in excess of 6 Gbps).
The TPD2EUSB30 conforms to IEC61000-4-2 (Level 4) ESD protection. The TPD2EUSB30 is offered in space
saving DRT (1 mm × 1 mm) package.
The TPD2EUSB30 is characterized for operation over ambient air temperature range of –40°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
SOT (3-DRT)
Tape and reel
TPD2EUSB30DRTR
5PX
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2EUSB30_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
More results

Similar Description - TPD2EUSB30_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
logo
First Silicon Co., Ltd
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
   2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com